Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD703003A Datasheet(PDF) 18 Page - NEC

Part # UPD703003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003A Datasheet(HTML) 18 Page - NEC

Back Button UPD703003A Datasheet HTML 14Page - NEC UPD703003A Datasheet HTML 15Page - NEC UPD703003A Datasheet HTML 16Page - NEC UPD703003A Datasheet HTML 17Page - NEC UPD703003A Datasheet HTML 18Page - NEC UPD703003A Datasheet HTML 19Page - NEC UPD703003A Datasheet HTML 20Page - NEC UPD703003A Datasheet HTML 21Page - NEC UPD703003A Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
µPD703003A, 703004A, 703025A
18
Data Sheet U13188EJ4V0DS00
DC Characteristics (TA = –40 to +85
°C, VDD = 5.0 V ±10%, VSS = 0 V)
(2/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Power
µPD703003A, When
IDD1
Direct modeNote
1.9
×
φ + 5 2.1 × φ + 17
mA
supply 703004A
operating
PLL modeNote
2.0
×
φ + 7 2.2 × φ + 20
mA
current
In
IDD2
Direct modeNote
1.2
×
φ + 5 1.3 × φ + 13 mA
HALT mode
PLL modeNote
1.3
×
φ + 7 1.4 × φ + 15 mA
In
IDD3
Direct modeNote
8
×
φ + 300 10 × φ + 500
µA
IDLE mode
PLL modeNote
0.1
×
φ + 2 0.2 ×
φ + 3
mA
In
IDD4
250
µA
STOP mode
µPD703025A When
IDD1
Direct modeNote
2.5
×
φ + 2 2.8 × φ + 16.5
mA
operating
PLL modeNote
2.6
×
φ + 4 2.9 × φ +19.5 mA
In
IDD2
Direct modeNote
1.3
×
φ + 5 1.4 × φ + 13 mA
HALT mode
PLL modeNote
1.3
×
φ + 10 1.4 × φ + 18 mA
In
IDD3
Direct modeNote
8
×
φ + 300 10 × φ + 500
µA
IDLE mode
PLL modeNote
0.1
×
φ + 2 0.2 ×
φ + 3
mA
In
IDD4
250
µA
STOP mode
Note When using A/D converter:
φ = 5 to 33 MHz
When not using A/D converter:
φ = 2 to 33 MHz
Remarks 1. TYP. values are reference values for when TA = 25
°C and VDD = 5.0 V. The power supply current
does not include AVREF1 to AVREF3 or the current that flows across a software pull-up resistor.
2.
φ = Internal system clock frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com