Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD703003A Datasheet(PDF) 31 Page - NEC

Part # UPD703003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003A Datasheet(HTML) 31 Page - NEC

Back Button UPD703003A Datasheet HTML 27Page - NEC UPD703003A Datasheet HTML 28Page - NEC UPD703003A Datasheet HTML 29Page - NEC UPD703003A Datasheet HTML 30Page - NEC UPD703003A Datasheet HTML 31Page - NEC UPD703003A Datasheet HTML 32Page - NEC UPD703003A Datasheet HTML 33Page - NEC UPD703003A Datasheet HTML 34Page - NEC UPD703003A Datasheet HTML 35Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
31
µPD703003A, 703004A, 703025A
Data Sheet U13188EJ4V0DS00
(9) CSI timing (1/2)
(a) Master mode
(i)
Timing of CSI0 to CSI2
Parameter
Symbol
Conditions
25 MHz Version
33 MHz Version
Unit
MIN.
MAX.
MIN.
MAX.
SCKn cycle
<67> tCYSK1
Output
160
120
ns
SCKn high-level width
<68> tWSKH1
Output
0.5tCYSK1 – 20
0.5tCYSK1 – 20
ns
SCKn low-level width
<69> tWSKL1
Output
0.5tCYSK1 – 20
0.5tCYSK1 – 20
ns
SIn setup time (to SCKn
↑)
<70> tSSISK1
30
30
ns
SIn hold time (from SCKn
↑)
<71> tHSKSI1
00
ns
SOn output delay time (from SCKn
↓) <72> tDSKSO1
18
18
ns
SOn output hold time (from SCKn
↑) <73> tHSKSO1
0.5tCYSK1 – 5
0.5tCYSK1 – 5
ns
Remark
n = 0 to 2
(ii) Timing of CSI3
Parameter
Symbol
Conditions
25 MHz Version
33 MHz Version
Unit
MIN.
MAX.
MIN.
MAX.
SCK3 cycle
<67> tCYSK3
Output
RL = 1.5 k
Ω
500
500
ns
SCK3 high-level width
<68> tWSKH3
Output
CL = 50 pF
0.5tCYSK3 – 70
0.5tCYSK3 – 70
ns
SCK3 low-level width
<69> tWSKL3
Output
0.5tCYSK3 – 70
0.5tCYSK3 – 70
ns
SI3 setup time (to SCK3
↑)
<70> tSSISK3
100
100
ns
SI3 hold time (from SCK3
↑)
<71> tHSKSI3
50
50
ns
SO3 output delay time (from SCK3
↓) <72> tDSKSO3
RL = 1.5 k
Ω
150
150
ns
SO3 output hold time (from SCK3
↑) <73> tHSKSO3
CL = 50 pF
0.5tCYSK3 – 5
0.5tCYSK3 – 5
ns
Remark
RL and CL are the load resistance and load capacitance of the SCK3 and SO3 output lines.
(b) Slave mode
(i)
Timing of CSI0 to CSI2
Parameter
Symbol
Conditions
25 MHz Version
33 MHz Version
Unit
MIN.
MAX.
MIN.
MAX.
SCKn cycle
<67> tCYSK2
Input
160
120
ns
SCKn high-level width
<68> tWSKH2
Input
50
30
ns
SCKn low-level width
<69> tWSKL2
Input
50
30
ns
SIn setup time (to SCKn
↑)
<70> tSSISK2
10
10
ns
SIn hold time (from SCKn
↑)
<71> tHSKSI2
10
10
ns
SOn output delay time (from SCKn
↓) <72> tDSKSO2
30
30
ns
SOn output hold time (from SCKn
↑) <73> tHSKSO2
tWSKH2
tWSKH2
ns
Remark
n = 0 to 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com