Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD703003A Datasheet(PDF) 15 Page - NEC

Part # UPD703003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003A Datasheet(HTML) 15 Page - NEC

Back Button UPD703003A Datasheet HTML 11Page - NEC UPD703003A Datasheet HTML 12Page - NEC UPD703003A Datasheet HTML 13Page - NEC UPD703003A Datasheet HTML 14Page - NEC UPD703003A Datasheet HTML 15Page - NEC UPD703003A Datasheet HTML 16Page - NEC UPD703003A Datasheet HTML 17Page - NEC UPD703003A Datasheet HTML 18Page - NEC UPD703003A Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
15
µPD703003A, 703004A, 703025A
Data Sheet U13188EJ4V0DS00
Operating Conditions
Operation Mode
Internal Operating
Operating Ambient
Power Supply
Clock Frequency (
φ)
Temperature (TA)
Voltage (VDD)
Direct mode, PLL mode
2 to 33 MHzNote 1
–40 to +85
°C
5.0 V
±10%
5 to 33 MHzNote 2
–40 to +85
°C
5.0 V
±10%
Notes 1. When not using A/D converter
2. When using A/D converter
Recommended Oscillator
(1) Ceramic resonator connection (TA = –40 to +85
°C)
(a)
µPD703003A, 703004A
Manufacturer
Part Number
Oscillation
Recommended
Oscillation
Oscillation
Frequency
Circuit Constant
Voltage Range
Stabilization Time
fXX (MHz)
C1 (pF)
C2 (pF)
Rd (
Ω)
MIN. (V)
MAX. (V) (MAX.) TOST (ms)
Kyocera
KBR-5.0MSA/MSB
5.0
33
33
680
4.5
5.5
0.14
Corporation
KBR-5.0MKC
5.0
On-chip
On-chip
680
4.5
5.5
0.14
KBR-5.0MKD
5.0
On-chip
On-chip
680
4.5
5.5
0.14
KBR-5.0MKS
5.0
On-chip
On-chip
680
4.5
5.5
0.14
PBRC5.00A
5.0
33
33
680
4.5
5.5
0.14
PBRC5.00B
5.0
On-chip
On-chip
680
4.5
5.5
0.14
KBR-6.6MSA/MSB
6.6
33
33
—
4.5
5.5
0.10
KBR-6.6MKC
6.6
On-chip
On-chip
—
4.5
5.5
0.10
KBR-6.6MKD
6.6
On-chip
On-chip
—
4.5
5.5
0.10
KBR-6.6MKS
6.6
On-chip
On-chip
—
4.5
5.5
0.10
PBRC6.60A
6.6
33
33
—
4.5
5.5
0.10
PBRC6.60B
6.6
On-chip
On-chip
—
4.5
5.5
0.10
TDK
CCR5.0MC3
5.0
On-chip
On-chip
—
4.5
5.5
0.18
FCR5.0MC5
5.0
On-chip
On-chip
—
4.5
5.5
0.16
CCR6.6MC3
6.6
On-chip
On-chip
—
4.5
5.5
0.17
Murata Mfg.
CSA5.00MG040
5.0
100
100
—
4.5
5.5
0.31
Co., Ltd.
CST5.00MGW040
5.0
On-chip
On-chip
—
4.5
5.5
0.31
CSA6.60MTZ040
6.6
100
100
—
4.5
5.5
0.30
CST6.60MTW040
6.6
On-chip
On-chip
—
4.5
5.5
0.30
Cautions 1. Put the oscillator as close to the X1 and X2 pins as possible.
2. Do not cross the wiring with the other signal lines in the area enclosed by the broken lines.
3. Sufficiently evaluate the matching between the
µPD703003A or 703004A and the resonator.
X1
X2
C1
C2
Rd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com