Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD703003A Datasheet(PDF) 17 Page - NEC

Part # UPD703003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003A Datasheet(HTML) 17 Page - NEC

Back Button UPD703003A Datasheet HTML 13Page - NEC UPD703003A Datasheet HTML 14Page - NEC UPD703003A Datasheet HTML 15Page - NEC UPD703003A Datasheet HTML 16Page - NEC UPD703003A Datasheet HTML 17Page - NEC UPD703003A Datasheet HTML 18Page - NEC UPD703003A Datasheet HTML 19Page - NEC UPD703003A Datasheet HTML 20Page - NEC UPD703003A Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
17
µPD703003A, 703004A, 703025A
Data Sheet U13188EJ4V0DS00
DC Characteristics (TA = –40 to +85
°C, VDD = 5.0 V ±10%, VSS = 0 V)
(1/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input voltage, high
VIH
Except for X1 and pins listed in Note
2.2
VDD + 0.3
V
Note
0.8VDD
VDD + 0.3
V
Input voltage, low
VIL
Except for X1 and pins listed in Note
–0.5
+0.8
V
Note
–0.5
0.2VDD
V
Clock input voltage, high
VXH
X1
0.8VDD
VDD + 0.5
V
Clock input voltage, low
VXL
X1
–0.5
+0.6
V
Schmitt-triggered input
VT+
Note, rising edge
3.0
V
Threshold voltage
VT–
Note, falling edge
2.0
V
Schmitt-triggered input hysteresis width VT+ – VT–
Note
0.5
V
Output voltage, high
VOH
IOH = –2.5 mA
0.7VDD
V
IOH = –100
µAVDD – 0.4
V
Output voltage, low
VOL
IOL = 2.5 mA
0.45
V
Input leakage current, high
ILIH
VI = VDD
10
µA
Input leakage current, low
ILIL
VI = 0 V
–10
µA
Output leakage current, high
ILOH
VO = VDD
10
µA
Output leakage current, low
ILOL
VO = 0 V
–10
µA
Software pull-up resistor
R
P35/INTP131/SO3,
15
40
90
k
Ω
P36/INTP132/SI3,
P37/INTP133/SCK3
Note P02/TCLR11, P03/TI11, P04/INTP110 to P07/INTP113, P12/TCLR12, P13/TI12, P14/INTP120, P15/
INTP121/SO2, P16/INTP122/SI2, P17/INTP123/SCK2, P23/RXD0/SI0, P24/SCK0, P26/RXD1/SI1, P27/
SCK1, P32/TCLR32, P33/TI13, P34/INTP130, P35/INTP131/SO3, P36/INTP132/SI3, P37/INTP133/SCK3,
P112/TCLR14, P113/TI14, P114/INTP140 to P117/INTP143, RESET, NMI, MODE
Remarks 1. TYP. values are reference values for when TA = 25
°C and VDD = 5.0 V.
2.
φ = Internal system clock frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com