Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2869 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2869
Description  Guidelines for designing touch sensing applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2869 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2869 Datasheet HTML 2Page - STMicroelectronics AN2869 Datasheet HTML 3Page - STMicroelectronics AN2869 Datasheet HTML 4Page - STMicroelectronics AN2869 Datasheet HTML 5Page - STMicroelectronics AN2869 Datasheet HTML 6Page - STMicroelectronics AN2869 Datasheet HTML 7Page - STMicroelectronics AN2869 Datasheet HTML 8Page - STMicroelectronics AN2869 Datasheet HTML 9Page - STMicroelectronics AN2869 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Capacitive sensing technology in ST
AN2869
6/43
Doc ID 15298 Rev 6
1.5
Surface capacitance
A capacitance is modified when a finger gets close to a sensing electrode.
The return path goes either through:
●
a capacitor to ground through the user’s feet
●
a capacitor between the user’s hand and the device
●
a capacitor between the user’s body and the application board through the air (like an
antenna)
Background
Figure 1.
Equivalent touch sensing capacitances
CX is the parasitic capacitance of the electrode.
CX is composed of two capacitances: the first one refers to earth, which is not significant
and can be ignored, and the second one refers to the application ground, which is
dependent on the PCB or the board layout. This latter parasitic capacitance includes the
GPIO pad capacitance and the coupling between the electrode tracks and the application
ground.
The PCB and board layout must be designed to minimize this parasitic capacitance.
CF is the feedback capacitance between earth and the application. Its influence is important
in surface capacitance touch sensing applications, especially for applications which do not
feature a direct connection to earth.
CT is the capacitance created by a finger touch and it is the source of the useful signal. Its
reference is earth and not the application ground.
The total capacitance measured is a combination of CX, CF and CT where only CT is
meaningful for the application. So we measure CX plus CT in parallel with CF, which is given
by the formula: CX + 1 / ((1 / CT) + (1 / CF)).
Application
Electrode
CX
CT
CF
Earth
Application ground
ai15083
VSS
CH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com