Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2869 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2869
Description  Guidelines for designing touch sensing applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2869 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2869 Datasheet HTML 4Page - STMicroelectronics AN2869 Datasheet HTML 5Page - STMicroelectronics AN2869 Datasheet HTML 6Page - STMicroelectronics AN2869 Datasheet HTML 7Page - STMicroelectronics AN2869 Datasheet HTML 8Page - STMicroelectronics AN2869 Datasheet HTML 9Page - STMicroelectronics AN2869 Datasheet HTML 10Page - STMicroelectronics AN2869 Datasheet HTML 11Page - STMicroelectronics AN2869 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Main capacitive sensing guidelines
AN2869
8/43
Doc ID 15298 Rev 6
2
Main capacitive sensing guidelines
2.1
Overview
A surface or projected capacitive sensor is generally made up of the following different
layers:
●
A fiberglass PCB
●
A set of electrodes made of a copper pad
●
A panel made of glass, Plexiglas, or any non-conductive material
●
A silk screen printing
Figure 2.
Example of capacitive sensor construction
2.2
Construction
2.2.1
Substrates
The substrate is the base material carrying the electrodes.
A substrate can be chosen among any non-conductive material, in practice, PCB materials
(e.g. FR4, CEM-1), acrylics like Polyethylene Terephthalate (PET), or Polycarbonate can be
used. Glass is also an excellent material for this purpose.
Note:
For the projected materials (technologies) listed above, it is not recommended to use a
relative permittivity (
ε
R) that is too high.
In many cases, the substrate which is used in electronic application will also work well for
capacitive sensing. Special care is required to avoid materials which can retain water
contained in the atmosphere (e.g. hygroscopic material such as paper based).
Unfortunately, this would modify
ε
R (relative permittivity) with environmental conditions.
MS18973V1
Glass/plexiglass panel
Silkscreen printing
Copper pad (Cu)
electrode
Fiberglass PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com