Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2869 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2869
Description  Guidelines for designing touch sensing applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2869 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2869 Datasheet HTML 24Page - STMicroelectronics AN2869 Datasheet HTML 25Page - STMicroelectronics AN2869 Datasheet HTML 26Page - STMicroelectronics AN2869 Datasheet HTML 27Page - STMicroelectronics AN2869 Datasheet HTML 28Page - STMicroelectronics AN2869 Datasheet HTML 29Page - STMicroelectronics AN2869 Datasheet HTML 30Page - STMicroelectronics AN2869 Datasheet HTML 31Page - STMicroelectronics AN2869 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
Surface electrode design
AN2869
28/43
Doc ID 15298 Rev 6
3.5.3
Using electrodes separated from the PCB
It is possible to use surface electrodes which create a sensitive area on the bottom surface
of the panel and are not close to the PCB.
One option is to print an electrode array on the inner surface of the front panel. In this case,
the electrode shape rules are as described in Chapter 3.1, and the materials are as
described in Chapter 2.2.2. The sensors can be connected using spring contacts,
conductive foam or rubber, or a flex tail attached using ACF/ACP (d)(see Figure 22).
Remember that, with this technique, the area where the interconnection is made is touch-
sensitive too.
Figure 22.
Printed electrode method showing several connection methods
d.
ACF/ACP = Anisotropic Conductive Film/Anisotropic Conductive Paste.
MS18979V1
Front panel
(plexiglass or
other suitable
material)
Controller
PCB
Spring
Printed
electrode
PCB pad
Flex PCB
Flex
connector
ACF/ACP
connection
Spacer (cylinder
of hard foam or
other suitable
material)
Printed
electrode
(optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com