Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2869 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2869
Description  Guidelines for designing touch sensing applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2869 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2869 Datasheet HTML 1Page - STMicroelectronics AN2869 Datasheet HTML 2Page - STMicroelectronics AN2869 Datasheet HTML 3Page - STMicroelectronics AN2869 Datasheet HTML 4Page - STMicroelectronics AN2869 Datasheet HTML 5Page - STMicroelectronics AN2869 Datasheet HTML 6Page - STMicroelectronics AN2869 Datasheet HTML 7Page - STMicroelectronics AN2869 Datasheet HTML 8Page - STMicroelectronics AN2869 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
AN2869
Capacitive sensing technology in ST
Doc ID 15298 Rev 6
5/43
1
Capacitive sensing technology in ST
STMicroelectronics offers different capacitive sensing technologies for STM8 and STM32
family products. These technologies are based on:
The RC acquisition principle for STM8A, STM8S and STM8L microcontrollers.
The charge transfer acquisition principle for STM8L, STM32 F0 and STM32 L1
microcontrollers.
The surface ProxSenseTM acquisition principle for STM8T14x microcontrollers.
The projected ProxSenseTM acquisition principle for STM8TL5x microcontrollers.
Note:
ProxSense™ is a trademark of Azoteq.
1.1
RC acquisition principle
The RC acquisition principle is based on the charging/discharging time measurement of an
electrode capacitance through a resistor. When the electrode is touched, the
charging/discharging time increases and the variation is used to detect the finger proximity.
The RC acquisition principle is detailed in AN2927.
1.2
Charge transfer acquisition principle
The charge transfer acquisition principle uses the electrical properties of the capacitor
charge (Q). The electrode capacitance is repeatedly charged and then discharged in a
sampling capacitor until the voltage on the sampling capacitor reaches a given threshold.
The number of transfers required to reach the threshold is a representation of the size of the
electrode’s capacitance. When the electrode is “touched”, the charge stored on the
electrode is higher and the number of cycles needed to charge the sampling capacitor
decreases.
1.3
Surface ProxSenseTM acquisition principle
The surface ProxSenseTM acquisition principle is similar to the charge transfer one, except
that the acquisition is fully managed by a dedicated hardware IP providing improved
performance. For more information, please refer to the application note AN2970.
1.4
Projected ProxSenseTM acquisition principle
The projected ProxSenseTM acquisition principle is a measurement of a charge transferred
by a driven electrode to another one. Like the charge transfer, there is also a sampling
capacitor which stores the charges coming from the electrodes which form a coupling
capacitor with less capacitance than the sample one. When a finger approaches, the
dielectric (between the two electrodes) is modified and so the capacitance decreases. As a
consequence, the time taken to load the sample capacitor will increase and this difference is
used to detect if a finger is present or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com