Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2869 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2869
Description  Guidelines for designing touch sensing applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2869 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2869 Datasheet HTML 12Page - STMicroelectronics AN2869 Datasheet HTML 13Page - STMicroelectronics AN2869 Datasheet HTML 14Page - STMicroelectronics AN2869 Datasheet HTML 15Page - STMicroelectronics AN2869 Datasheet HTML 16Page - STMicroelectronics AN2869 Datasheet HTML 17Page - STMicroelectronics AN2869 Datasheet HTML 18Page - STMicroelectronics AN2869 Datasheet HTML 19Page - STMicroelectronics AN2869 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
Main capacitive sensing guidelines
AN2869
16/43
Doc ID 15298 Rev 6
2.4
Power supply
In order to reduce system costs, a regulator, which is fully dedicated to touch sensing, is
already embedded in the devices of the STM8T family. For other devices without a touch
sensing dedicated regulator, it is strongly recommended to use an external voltage regulator
to power the device only.
The voltage regulator must be chosen to provide a stable voltage without any ripple. The
actual precision of the voltage is not important, but the noise rejection feature is critical. This
voltage is used to drive CX and is also used as a reference when measuring the sampling
capacitor (CS). Any variation of this voltage may induce measurement variations which
could generate a false touch or a missed touch. For instance, a ±10 mV peak to peak
variation on VDD limits the resolution of linear sensor or rotary sensor to 4 or 5 bits.
The voltage regulator should be placed as far as possible from the sensors and their tracks.
The voltage regulator also acts as a filter against noise coming from the power supply. So, it
is recommended to power any switching components, such as LEDs, directly from VDD and
not from the regulated voltage (see Figure 9).
Figure 9.
Typical power supply schematic
1.
Typical voltage regulator LD2980 can be used.
10 nF
GPIO
VDD LEDs
Supply input
LDO regulator
(note 1)
VDD
Touch sensing
device (MCU)
LED
ai15082
VSS
VDD
Vin
Vout
VSS
1 μF
1 μF
100 nF
100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com