Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3240 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3240
Description  Ultrasound HV pulser demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3240 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3240 Datasheet HTML 7Page - STMicroelectronics AN3240 Datasheet HTML 8Page - STMicroelectronics AN3240 Datasheet HTML 9Page - STMicroelectronics AN3240 Datasheet HTML 10Page - STMicroelectronics AN3240 Datasheet HTML 11Page - STMicroelectronics AN3240 Datasheet HTML 12Page - STMicroelectronics AN3240 Datasheet HTML 13Page - STMicroelectronics AN3240 Datasheet HTML 14Page - STMicroelectronics AN3240 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AN3240
PCB demo description
Doc ID 17689 Rev 1
11/32
4.0.1
Capacitances and resistances list
Table 3.
Capacitances and resistances list
Name
Type
Value
Class
C2ChD
SMC0805
250 pF
100 V
C3
SMC1206
0.22 µF
100 V
C4
SMC1206
0.22 µF
100 V
C5
SMC1206
0.22 µF
100 V
C6
SMC1206
0.22 µF
100 V
C7
SMC1206
0.22 µF
100 V
C8
SMC1206
0.22 µF
100 V
C9
SMC1206
0.22 µF
100 V
CLVA
SMC0805
20 pF
LV
CLVB
SMC0805
20 pF
LV
CLVC
SMC0805
20 pF
LV
CLVD
SMC0805
20 pF
LV
Cm1
SMC0603
3.5 nF
LV
Cm2
SMC0603
3.5 nF
LV
Cm3
SMC0603
3.5 nF
LV
Cm4
SMC0603
3.5 nF
LV
Cp1
SMC0603
20 nF
LV
Cp2
SMC0603
20 nF
LV
Cp3
SMC0603
20 nF
LV
Cp4
SMC0603
20 nF
LV
Cs1
SMC1206
0.22 µF
100 V
R1
SM0805
10 k
Ω
LV
R10
SM2010
50
Ω
250 mW
R11
SM2010
50
Ω
250 mW
R12
SM2010
50
Ω
250 mW
R13
SM0805
75
Ω
LV(1)
R14
SM0805
75
Ω
LV
R15
SM0805
75
Ω
LV
R16
SM0805
75
Ω
LV
R1ChA
SM2512
200
Ω
2 W
R1ChB
SM2512
200
Ω
2 W
R1ChC
SM2512
200
Ω
2 W
R1ChD
SM2512
200
Ω
2 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com