Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3240 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3240
Description  Ultrasound HV pulser demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3240 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3240 Datasheet HTML 20Page - STMicroelectronics AN3240 Datasheet HTML 21Page - STMicroelectronics AN3240 Datasheet HTML 22Page - STMicroelectronics AN3240 Datasheet HTML 23Page - STMicroelectronics AN3240 Datasheet HTML 24Page - STMicroelectronics AN3240 Datasheet HTML 25Page - STMicroelectronics AN3240 Datasheet HTML 26Page - STMicroelectronics AN3240 Datasheet HTML 27Page - STMicroelectronics AN3240 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Demonstration kit composition
AN3240
24/32
Doc ID 17689 Rev 1
6.2.3
Turn on demo system
1.
First step:
Connect all supplies as indicated in Figure 18 based on the following power up sequence
(see Table 7):
–
1st USB connection (power supply for the motherboard and digital supply DVDD
for the STHV748)
–
2nd analog low voltage connections for the daughter board (VDDP=+3 V,
VDDM=-3 V)
–
3rd high voltage power supply connections for the daughter board (HVP0/1=+90 V,
HVM0/1=-90 V)
2.
Second step:
–
After the power supply connections, the onboard display appears as follows
(Figure 19):
Figure 19.
Main menu on STM3210E-EVAL display
3.
Third step:
–
By moving the “Joystick” key up and down the user can select one of the three
modes available (PW, CW or PC mode) in the “Main menu”. When the user has
selected a mode the Joystick key must be pressed to descend into the mode menu
(see Figure 20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com