Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3240 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3240
Description  Ultrasound HV pulser demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3240 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3240 Datasheet HTML 12Page - STMicroelectronics AN3240 Datasheet HTML 13Page - STMicroelectronics AN3240 Datasheet HTML 14Page - STMicroelectronics AN3240 Datasheet HTML 15Page - STMicroelectronics AN3240 Datasheet HTML 16Page - STMicroelectronics AN3240 Datasheet HTML 17Page - STMicroelectronics AN3240 Datasheet HTML 18Page - STMicroelectronics AN3240 Datasheet HTML 19Page - STMicroelectronics AN3240 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Operating supply conditions
AN3240
16/32
Doc ID 17689 Rev 1
Note:
VDD: Logic voltage, 0 to 3 V (B5 conn.)
VDDP: Positive supply voltage 0 to 3 V (B6 conn.)
VDDM :Negative supply voltage -3 V to 0 (B7 conn.)
HVM0: TX0 high voltage negative supply, (B3 conn.)
HVP0:TX0 High voltage positive supply, (B1 conn.)
HVM1:TX1 high voltage negative supply, (B4 conn.)
HVP1:TX1 High voltage positive supply, (B2 conn.)
5.1
Load selection
It is possible to select the following load configuration for each channel (ChA/B/C/D) using
J1, J2, J3, and J4:
●
100
Ω // 300 pF
●
200
Ω // 50 pF
●
200
Ω // 250 pF
●
No-load
Figure 6.
Load configuration schematic
6
HVM1 or HVP1
7
HVP1 or HVM1
Table 7.
Power-up sequence (continued)
Power up sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com