Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3240 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3240
Description  Ultrasound HV pulser demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3240 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3240 Datasheet HTML 16Page - STMicroelectronics AN3240 Datasheet HTML 17Page - STMicroelectronics AN3240 Datasheet HTML 18Page - STMicroelectronics AN3240 Datasheet HTML 19Page - STMicroelectronics AN3240 Datasheet HTML 20Page - STMicroelectronics AN3240 Datasheet HTML 21Page - STMicroelectronics AN3240 Datasheet HTML 22Page - STMicroelectronics AN3240 Datasheet HTML 23Page - STMicroelectronics AN3240 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Demonstration kit composition
AN3240
20/32
Doc ID 17689 Rev 1
In the same manner the user fixes the other states, such as CW mode (IN3=VDD,
IN4=VDD) or MaxHV0 and HV1 mode (IN3=0, IN4=VDD), by just changing the switch
position on the PCB adapter.
The status of switches IN3 and IN4 is being monitored by two SMD LED diodes, for each
switch, on the PCB adapter (D1 red and D2 green close to IN3, D3 red and D4 green close
to IN4).
As shown in Figure 11, the red light near the switch indicates state 1 (when VDD voltage is
active, the switch button is in the left position) while the green light indicates state 0 (when 0
is active, the switch button is in the right position).
Figure 11.
Diodes LED status on the PCB adapter which indicates IN4=1 and IN3=0
When the switch button is in the center position the status is on HZ.
6.2
Method 2 (use of the motherboard based on the STM3210E-
EVAL)
The demo kit, in this solution, is made up of a motherboard based on the STM3210E-EVAL
plus the PCB demo mentioned into Section 3 (see Figure 12). It doesn't require any manual
driving because the STM3210E-EVAL microcontroller is programmed to deliver some demo
patterns.
Figure 12.
Demonstration kit based on the STM3210E-EVAL system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com