Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3240 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3240
Description  Ultrasound HV pulser demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3240 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3240 Datasheet HTML 13Page - STMicroelectronics AN3240 Datasheet HTML 14Page - STMicroelectronics AN3240 Datasheet HTML 15Page - STMicroelectronics AN3240 Datasheet HTML 16Page - STMicroelectronics AN3240 Datasheet HTML 17Page - STMicroelectronics AN3240 Datasheet HTML 18Page - STMicroelectronics AN3240 Datasheet HTML 19Page - STMicroelectronics AN3240 Datasheet HTML 20Page - STMicroelectronics AN3240 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AN3240
Operating supply conditions
Doc ID 17689 Rev 1
17/32
5.2
Fixed STHV748 pins on PCB demo
In order to clarify some special pin behavior, a short explanation is given:
EN allows the minimizing of the power consumption. If EN=0, the self-voltage reference is
not supplied. By supplying the reference externally, the total power consumption is reduced.
THSD is a thermal flag. The output stage of the THSD pin is a Nch-MOS open-drain, so it is
necessary to connect the external pull-up resistance (R2
≥10 kΩ) to the positive low-voltage
supply (see Figure 2). If the internal temperature surpasses 160 °C, THSD goes down and
puts all the channels into HZ state. By externally forcing THSD to a positive low-voltage
supply, the thermal protection is disabled.
D_CTR can be used to optimize 2nd HD performance by tuning the fall propagation delay
(TDF - see the datasheet, STHV748; 5-level, ±90 V, 2 A high speed pulser with four
independent channels). If D_CTR is equal to ground, TDF has the nominal value. If D_CTR
is being varied from 2 V to 4.2 V, TDF can be changed from -1 ns to +600 ps, with respect to
the nominal value.
EXPOSED-PAD is internally connected to the substrate. It can be floating or connected to a
100 V capacitance toward ground, in order to reduce noise during the receiving phase. The
fixed configuration of the PCB application pins described is given in Table 8.
Table 8.
Special pin connections
Special pins on the PCB demo
Name
Description
Status on board
EN 64-pin
Enable pin
With EN=1, the IC internally generates the reference
voltages on REF_HVP1/0 (7, 10, 39, 42-pin) and
REF_HVM1/0 (2, 15, 34, 47-pin). These voltages are set
VDDP below HVP and VDDP above HVM, respectively:
REF_HVM# = HVM# + VDDP
REF_HVP# = HVP# - VDDP
When EN=0, it is required that an external voltage is
applied to REF_HVM# and REF_HVP# pins (see the
STHV748 datasheet).
Active – forced to 3 V through
R1=10 k
Ω
THSD 32-pin
Thermal shutdown pin
Active – forced to 3 V through R2=10
k
Ω. The user can monitor the THSD
status on TP1 (test point)
D_CTR 16-pin
Delay control pin
Not active – forced directly to ground
EXPOSED-PAD
Substrate
Not active – connected to ground
through Cs1=0.22 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com