Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3240 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3240
Description  Ultrasound HV pulser demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3240 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3240 Datasheet HTML 15Page - STMicroelectronics AN3240 Datasheet HTML 16Page - STMicroelectronics AN3240 Datasheet HTML 17Page - STMicroelectronics AN3240 Datasheet HTML 18Page - STMicroelectronics AN3240 Datasheet HTML 19Page - STMicroelectronics AN3240 Datasheet HTML 20Page - STMicroelectronics AN3240 Datasheet HTML 21Page - STMicroelectronics AN3240 Datasheet HTML 22Page - STMicroelectronics AN3240 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AN3240
Demonstration kit composition
Doc ID 17689 Rev 1
19/32
Figure 9.
Demonstration kit system image
6.1.1
How to drive the STHV748 for method 1
The user simply needs a clock generator (or an AVG) in a way to drive pins IN1 and IN2 with
a proper time pulse width, consequently, it is possible to fix a truth table state for XDCR
using the 2 switches on the PCB adapter connected to VDD supply or GND, which control
IN3 and IN4. See the example diagram below (Figure 10):
Figure 10.
Inputs set of generators for PW mode (4 cycles - TX0 pulser Chx)
Note:
The DC generators, shown in Figure 10, are symbolic, in the truth table the VDD voltage is
selected by the user through the J9 jumper on the PCB demo, which supplies the switches
on the PCB adapter.
In Figure 10, an example of a TX0 pulser in PW mode setting, is described. It is possible to
pass easily to a TX1 pulser PW mode in the same example shown in Figure 10, in fact, it is
enough to change the IN3 status, through the switch on the PCB adapter, from 0 to VDD
(IN4=0 - not touched). This simple commutation on switch IN3 allows 4 cycles for the TX1
pulser.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com