Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0054 Datasheet(PDF) 8 Page - STMicroelectronics

Part # PM0054
Description  How to program STM8L and STM8AL Flash program memory and data EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0054 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PM0054 Datasheet HTML 4Page - STMicroelectronics PM0054 Datasheet HTML 5Page - STMicroelectronics PM0054 Datasheet HTML 6Page - STMicroelectronics PM0054 Datasheet HTML 7Page - STMicroelectronics PM0054 Datasheet HTML 8Page - STMicroelectronics PM0054 Datasheet HTML 9Page - STMicroelectronics PM0054 Datasheet HTML 10Page - STMicroelectronics PM0054 Datasheet HTML 11Page - STMicroelectronics PM0054 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Memory organization
PM0054
8/28
Doc ID 15433 Rev 9
3.1
Low density STM8L101x microcontrollers
The low density STM8L101x memory features:
●
Up to 8 Kbytes of Flash program memory including up to 2 Kbytes of data EEPROM.
The whole memory array is divided into 128 pages of one block (64 bytes) each.
The Flash program memory is divided into 3 areas:
–
The user boot code area (UBC)
–
A configurable data EEPROM area (DATA)
–
The main program area
The DATA and main program areas can be write-protected independently by using the
memory access security mechanism (MASS).
The size of UBC, and DATA areas can be configured through option bytes.
●
One block (64 bytes) of option bytes of which 5 bytes are already used to configure
device hardware features. The option bytes can be programmed only in ICP/SWIM
mode.
Refer to Table 2: Low density STM8L101x memory partition for a detailed description of low
density STM8L101x memory partition.
Table 2.
Low density STM8L101x memory partition(1)
Area
Page/block number
(1 page = 1 block)
Address
Option Byte
0
0x00 4800-0x00 483F
Flash program
memory
UBC and main
program memory
0
0x00 8000-0x00 803F
1
0x00 8040-0x00 807F
2
0x00 8080-0x00 80BF
3
0x00 80C0-0x00 80FF
……
95
…
Configurable data
EEPROM(2)
96
0x00 9800-0x00 987F
-
…
0x00 9F80-0x00 9FBF
Up to 127
0x00 9FC0-0x00 9FFF
1.
The memory mapping is given for the devices featuring 8 Kbytes of Flash program memory including up to 2 Kbytes of data
EEPROM.
2.
The size of the data EEPROM area is configurable from 0 to 32 pages starting from the last page of the Flash program
memory down to page 96.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com