| Electronic Components Datasheet Search |
|
PM0054 Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0054 Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 28 page ![]() Memory protection strategy PM0054 14/28 Doc ID 15433 Rev 9 4.1 Readout protection On low density STM8L101x microcontrollers, the readout protection is: ● enabled by writing 0xAA in the ROP option byte ● disabled by reprogramming the ROP option byte with any value except 0xAA and resetting the device. On low density STM8L05x/15x, medium density STM8L05x/15x and STM8AL31xx/STM8AL3Lxx and high density STM8L05x/15x/16x microcontrollers, the readout protection is: ● enabled by writing any value except 0xAA in the ROP option byte ● disabled by reprogramming the ROP option byte with 0xAA, and resetting the device. To unprotect the device, the ROP must be written twice: the first write, with any value, launches a global erase which includes the option byte; the second write, 0xAA, unprotects the device, and then the 0xAA value remains in the ROP byte. Please note the EOP should be checked each time. Readout protection can only be disabled in ICP/SWIM mode. When readout protection is selected, reading or modifying the Flash program memory in ICP mode (using the SWIM interface) is forbidden. When available, the data EEPROM memory is also protected against read and write access through ICP. Erasing the ROP option byte to disable the readout protection causes the Flash program memory, the DATA area and the option bytes to be erased. Even though no protection can be considered as totally unbreakable, the readout protection feature provides a very high level of protection for general purpose microcontrollers. Of course, software that dumps the Flash program memory content makes this readout protection useless. Table 10 describes possible accesses to each memory areas versus the different modes and readout protection settings. 4.2 Proprietary code area protection The memory pages containing peripherals software libraries must be located in the proprietary code area (PCODE). The size of the PCODE area can be configured through the PCODE option byte (PCODESIZE) in ICP/SWIM mode. Refer to Table 7 for details on PCODE minimum and maximum size. Once programmed, the PCODE option byte cannot be erased, the size of the PCODE area remains fixed and its content protected from read and write operations whatever the mode. Table 7. PCODE size STM8 microcontroller family Minimum size Maximum size Low density STM8L05x/15x 3 pages (192 bytes) 127 pages (last page always left free for main program) Medium+ density STM8L15x 1 page (256 bytes) 128 pages High density STM8L05x/15x/16x 1 page (256 bytes) 255 pages (last page always left free for main program) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |