Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0054 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PM0054
Description  How to program STM8L and STM8AL Flash program memory and data EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0054 Datasheet(HTML) 1 Page - STMicroelectronics

  PM0054 Datasheet HTML 1Page - STMicroelectronics PM0054 Datasheet HTML 2Page - STMicroelectronics PM0054 Datasheet HTML 3Page - STMicroelectronics PM0054 Datasheet HTML 4Page - STMicroelectronics PM0054 Datasheet HTML 5Page - STMicroelectronics PM0054 Datasheet HTML 6Page - STMicroelectronics PM0054 Datasheet HTML 7Page - STMicroelectronics PM0054 Datasheet HTML 8Page - STMicroelectronics PM0054 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
December 2012
Doc ID 15433 Rev 9
1/28
PM0054
Programming manual
How to program STM8L and STM8AL Flash program memory
and data EEPROM
Introduction
This manual describes how to program Flash program memory and data EEPROM on
STM8 microcontrollers. It applies to low density STM8L05x/15x/STM8L101x, medium and
medium+ density STM8L05x/15x, high density STM8L05x/15x/16x, medium density
STM8AL31xx and STM8AL3Lxx devices. It is intended to provide information for
programming tool manufacturers and for customers who want to implement programming
themselves on their production line.
The in-circuit programming (ICP) method is used to update the content of Flash program
memory and data EEPROM while the user software is not running. It uses the single wire
interface module (SWIM) to communicate between the programming tool and the device.
In contrast to the ICP method, in-application programming (IAP) can use any
communication interface supported by the microcontroller (I/Os, SPI, USART, I2C, USB,
CAN...). IAP has been implemented for users who want their application software to update
itself by re-programming the Flash program memory during program execution. The main
advantage of IAP is its ability to re-program Flash program memory and data EEPROM
when the chip has already been soldered on the application board and while the user
software is running. Nevertheless, part of the Flash program memory has to be previously
programmed using ICP.
Some devices also contain a bootloader embedded in a ROM memory. Through this
firmware the device memory can be re-programmed using a standard communication
interface. This programming method is not described in this document.
For details on memory implementation and features, registers or stack top addresses, refer
to the product datasheets.
Table 1.
Applicable products
Type
Part numbers
Microcontrollers
STM8L051F3
STM8L052C6/STM8L052R8
STM8L101x1/STM8L101x2/STM8L101x3
STM8L151x2/STM8L151x3/STM8L151x4/STM8L151x6/STM8L151x8
STM8L152x4/STM8L152x6/STM8L152x8
STM8L162x8
STM8AL313x, STM8AL314x, STM8AL316x, STM8AL3L4x, STM8AL3L6x
www.st.com


Similar Part No. - PM0054

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM0051 STMICROELECTRONICS-PM0051 Datasheet
198Kb / 27P
How to program STM8S and STM8A Flash program memory and data EEPROM
06-Jun-2011
PM0056 STMICROELECTRONICS-PM0056 Datasheet
4Mb / 156P
This programming manual provides information
27-May-2013
PM0059 STMICROELECTRONICS-PM0059 Datasheet
381Kb / 29P
This programming manual describes how to program
07-Jun-2013
More results

Similar Description - PM0054

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90LS4433 ATMEL-AT90LS4433_14 Datasheet
1Mb / 126P
Data and Non-volatile Program Memory
AT90S1200 ATMEL-AT90S1200_14 Datasheet
1Mb / 71P
Data and Non-volatile Program Memory
AT90S2323 ATMEL-AT90S2323_14 Datasheet
1Mb / 64P
Data and Nonvolatile Program Memory
AT90S4433 ATMEL-AT90S4433_14 Datasheet
1Mb / 126P
Data and Non-volatile Program Memory
ATMEGA161L ATMEL-ATMEGA161L_14 Datasheet
1Mb / 159P
Program and Data Memories
AT89LP3240 ATMEL-AT89LP3240_14 Datasheet
5Mb / 200P
Nonvolatile Program and Data Memory
AT90PWM81 ATMEL-AT90PWM81_14 Datasheet
3Mb / 327P
Data and non-volatile program memory
logo
STMicroelectronics
AN2692 STMICROELECTRONICS-AN2692 Datasheet
215Kb / 29P
How to program/reprogram the ST10F269Zx Flash memory
06-Mar-2008
PM0051 STMICROELECTRONICS-PM0051 Datasheet
198Kb / 27P
How to program STM8S and STM8A Flash program memory and data EEPROM
06-Jun-2011
PM0212 STMICROELECTRONICS-PM0212 Datasheet
161Kb / 22P
How to program the STM8TL5xxx Flash program memory and data EEPROM
10-Apr-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com