Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0054 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM0054
Description  How to program STM8L and STM8AL Flash program memory and data EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0054 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM0054 Datasheet HTML 7Page - STMicroelectronics PM0054 Datasheet HTML 8Page - STMicroelectronics PM0054 Datasheet HTML 9Page - STMicroelectronics PM0054 Datasheet HTML 10Page - STMicroelectronics PM0054 Datasheet HTML 11Page - STMicroelectronics PM0054 Datasheet HTML 12Page - STMicroelectronics PM0054 Datasheet HTML 13Page - STMicroelectronics PM0054 Datasheet HTML 14Page - STMicroelectronics PM0054 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
PM0054
Memory organization
Doc ID 15433 Rev 9
11/28
3.4
Medium+ density STM8L15x microcontrollers
The medium+ density STM8L15x memory features:
●
32 Kbytes of embedded Flash program divided into 128 pages of 256 bytes each. The
memory array is organized in 32-bit words (4 bytes). It includes three areas.
The Flash program memory is divided into 3 areas:
–
The proprietary code area (PCODE)
–
The user boot code area (UBC)
–
The main program area
The size of the PCODE and UBC areas can be configured through option bytes.
●
1 Kbyte of data EEPROM located in a distinct array from Flash program memory
●
Up to 128 option bytes (one block) of which 5 bytes are already used to configure
device hardware features. The option bytes can be programmed in user, IAP and
ICP/SWIM modes except for ROP and UBC option bytes (refer to Section 5.5.2).
Refer to the following table for a detailed description of the memory partition for medium+
density STM8L15x microcontrollers.
Table 5.
Medium+ density STM8L15x/16x memory partition
Area
Page number
(1 page = 2 blocks)
Address
Data EEPROM
0
0x00 1000-0x00 10FF
1
0x00 1100-0x00 11FF
2
0x00 1200-0x00 12FF
...
...
7
0x00 1700-0x00 17FF
Option bytes
0
0x00 4800-0x00 487F
Flash program
memory
Main
program
memory
PCODE, UBC
0
0x00 8000-0x00 80FF
1
0x00 8100-0x00 81FF
2
0x00 8200-0x00 82FF
3
0x00 8300-0x00 83FF
4
0x00 8400-0x00 84FF
...
...
127
0x00 FF00-0x00 FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com