Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0054 Datasheet(PDF) 19 Page - STMicroelectronics

Part # PM0054
Description  How to program STM8L and STM8AL Flash program memory and data EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0054 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PM0054 Datasheet HTML 15Page - STMicroelectronics PM0054 Datasheet HTML 16Page - STMicroelectronics PM0054 Datasheet HTML 17Page - STMicroelectronics PM0054 Datasheet HTML 18Page - STMicroelectronics PM0054 Datasheet HTML 19Page - STMicroelectronics PM0054 Datasheet HTML 20Page - STMicroelectronics PM0054 Datasheet HTML 21Page - STMicroelectronics PM0054 Datasheet HTML 22Page - STMicroelectronics PM0054 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
PM0054
Programming STM8 Flash microcontrollers
Doc ID 15433 Rev 9
19/28
Fast block programming operation
The following sequence is required to perform a fast block program sequence (block
programmed without previous erase):
1.
Unlock the memory if not already done.
The UBC option byte can be read to check if the block to program is not in the UBC
area. If necessary, reprogram it to allow programming the targeted block.
2.
Write 0x10 in FLASH_CR2 (FPRG bit active).
3.
Write all the data bytes of the block you want to program starting with the very first
address of the block. No read or write access to the program memory is allowed during
these load operations as they might corrupt the values to be programmed.
The programming cycle starts automatically when the complete block has been written.
4.
Check the WR_PG_DIS bit in FLASH_IAPSR to verify if the block you attempted to
program was not write-protected (optional).
5.
To check if the program operation is complete, poll the EOP bit in FLASH_IAPSR from
program memory. EOP is set to ‘1’ when the block program operation has completed.
To avoid polling the EOP bit, an interrupt can be generated when EOP is set.
Note:
It is mandatory to execute steps 2 to 4 from RAM.
Caution:
EOP and WR_PG_DIS bits are cleared by reading the FLASH_IAPSR register. It is
consequently strongly recommended to perform one single read operation to the
FLASH_IAPSR register to check the values of these bits.
Caution:
The memory block must be empty when performing a fast block programming operation.
Block erase operation
The following sequence is required to perform a block erase sequence:
1.
Unlock the memory if not already done.
The UBC option byte can be read to check if the block to erase is not in the UBC area.
If necessary, reprogram it to allow erasing the targeted block.
2.
Write 0x20 in FLASH_CR2 (ERASE bit active).
3.
Write '0x00 00 00 00' to any word inside the block to be erased using a LOAD
instruction.
4.
Check the WR_PG_DIS bit in FLASH_IAPSR to verify if the block you attempted to
erase was not write-protected (optional).
5.
To check if the erase operation is complete, poll the EOP bit in FLASH_IAPSR from
program memory. EOP is set to ‘1’ when the block erase operation has completed. To
avoid polling the EOP bit, an interrupt can be generated when EOP is set.
Note:
It is mandatory to execute steps 2 to 4 from RAM.
Caution:
EOP and WR_PG_DIS bits are cleared by reading the FLASH_IAPSR register. It is
consequently strongly recommended to perform one single read operation to the
FLASH_IAPSR register to check the values of these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com