Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0063 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM0063
Description  STM32F100xx value line Flash programming
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0063 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM0063 Datasheet HTML 5Page - STMicroelectronics PM0063 Datasheet HTML 6Page - STMicroelectronics PM0063 Datasheet HTML 7Page - STMicroelectronics PM0063 Datasheet HTML 8Page - STMicroelectronics PM0063 Datasheet HTML 9Page - STMicroelectronics PM0063 Datasheet HTML 10Page - STMicroelectronics PM0063 Datasheet HTML 11Page - STMicroelectronics PM0063 Datasheet HTML 12Page - STMicroelectronics PM0063 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
PM0063
Overview
Doc ID 16211 Rev 2
9/30
The Flash memory is organized as 32-bit wide memory cells that can be used for storing
both code and data constants. The Flash module is located at a specific base address in the
memory map of each STM32F100xx microcontroller type. For the base address, please
refer to the related STM32F100xx reference manual.
The information block is divided into two parts:
System memory is used to boot the device in System memory boot mode. The area is
reserved for use by STMicroelectronics and contains the boot loader which is used to
reprogram the Flash memory using the USART1 serial interface. It is programmed by
ST when the device is manufactured, and protected against spurious write/erase
operations. For further details please refer to AN2606.
Option bytes
Write operations to the main memory block and the option bytes are managed by an
embedded Flash Program/Erase Controller (FPEC). The high voltage needed for
Program/Erase operations is internally generated.
The main Flash memory can be protected against different types of unwanted access
(read/write/erase). There are two types of protection:
Page Write Protection
Read Protection
Refer to Section 2.4 on page 17 for more details.
Table 3.
Flash module organization (high-density value line devices)
Block
Name
Base addresses
Size (bytes)
Main memory
Page 0
0x0800 0000 - 0x0800 07FF
2 Kbytes
Page 1
0x0800 0800 - 0x0800 0FFF
2 Kbytes
Page 2
0x0800 1000 - 0x0800 17FF
2 Kbytes
Page 3
0x0800 1800 - 0x0800 1FFF
2 Kbytes
.
.
.
.
.
.
.
.
.
Page 255
0x0807 F800 - 0x0807 FFFF
2 Kbytes
Information block
System memory
0x1FFF F000 - 0x1FFF F7FF
2 Kbytes
Option Bytes
0x1FFF F800 - 0x1FFF F80F
16
Flash memory
interface
registers
FLASH_ACR
0x4002 2000 - 0x4002 2003
4
FLASH_KEYR
0x4002 2004 - 0x4002 2007
4
FLASH_OPTKEYR
0x4002 2008 - 0x4002 200B
4
FLASH_SR
0x4002 200C - 0x4002 200F
4
FLASH_CR
0x4002 2010 - 0x4002 2013
4
FLASH_AR
0x4002 2014 - 0x4002 2017
4
Reserved
0x4002 2018 - 0x4002 201B
4
FLASH_OBR
0x4002 201C - 0x4002 201F
4
FLASH_WRPR
0x4002 2020 - 0x4002 2023
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com