Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0063 Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM0063
Description  STM32F100xx value line Flash programming
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0063 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM0063 Datasheet HTML 17Page - STMicroelectronics PM0063 Datasheet HTML 18Page - STMicroelectronics PM0063 Datasheet HTML 19Page - STMicroelectronics PM0063 Datasheet HTML 20Page - STMicroelectronics PM0063 Datasheet HTML 21Page - STMicroelectronics PM0063 Datasheet HTML 22Page - STMicroelectronics PM0063 Datasheet HTML 23Page - STMicroelectronics PM0063 Datasheet HTML 24Page - STMicroelectronics PM0063 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
PM0063
Reading/programming the STM32F100xx embedded Flash memory
Doc ID 16211 Rev 2
21/30
On every system reset, the option byte loader (OBL) reads the information block and stores
the data into the Option byte register (FLASH_OBR) and the Write protection register
(FLASH_WRPR). Each option byte also has its complement in the information block. During
option loading, by verifying the option bit and its complement, it is possible to check that the
loading has correctly taken place. If this is not the case, an option byte error (OPTERR) is
generated. When a comparison error occurs the corresponding option byte is forced to
0xFF. The comparator is disabled when the option byte and its complement are both equal
to 0xFF (Electrical Erase state).
All option bytes (but not their complements) are available to configure the product. The
option registers are accessible in read mode by the CPU. See Section 3: Register
descriptions for more details.
0x1FFF F80C
WRPx: Flash memory write protection option bytes
Bits [31:24]: nWRP3
Bits [23:16]: WRP3 (stored in FLASH_WRPR[31:24])
Bits [15:8]: nWRP2
Bits [7:0]: WRP2 (stored in FLASH_WRPR[23:16])
For low-density value line devices, one bit of the user option bytes WRPx is
used to protect 4 pages of 1 Kbyte in main memory block.
0: Write protection active
1: Write protection not active
In total, one user option byte is used to protect the 32-Kbyte main Flash memory.
WRP0: Write-protects pages 0 to 31
For medium-density value line devices, one bit of the user option bytes WRPx
is used to protect 4 pages of 1 Kbyte in main memory block.
0: Write protection active
1: Write protection not active
In total, four user option bytes are used to protect the 128-Kbyte main Flash
memory.
WRP0: Write-protects pages 0 to 31
WRP1: Write-protects pages 32 to 63
WRP2: Write-protects pages 64 to 95
WRP3: Write-protects pages 96 to 127
For high-density value line devices, one bit of the user option bytes WRPx is
used to protect 2 pages of 2 Kbytes in main memory block. However, the bit 7
of WRP3 write protects pages 62 to 255.
0: Write protection active
1: Write protection not active
In total, four user option bytes are used to protect the 512-Kbyte main Flash
memory.
WRP0: Write-protects pages 0 to 15
WRP1: Write-protects pages 16 to 31
WRP2: Write-protects pages 32 to 47
WRP3: bits 0-6 write-protect pages 48 to 61
bit 7 write-protects pages 62 to 255.
Table 7.
Description of the option bytes (continued)
Flash memory
address
Option bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com