Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0063 Datasheet(PDF) 20 Page - STMicroelectronics

Part # PM0063
Description  STM32F100xx value line Flash programming
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0063 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PM0063 Datasheet HTML 16Page - STMicroelectronics PM0063 Datasheet HTML 17Page - STMicroelectronics PM0063 Datasheet HTML 18Page - STMicroelectronics PM0063 Datasheet HTML 19Page - STMicroelectronics PM0063 Datasheet HTML 20Page - STMicroelectronics PM0063 Datasheet HTML 21Page - STMicroelectronics PM0063 Datasheet HTML 22Page - STMicroelectronics PM0063 Datasheet HTML 23Page - STMicroelectronics PM0063 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Reading/programming the STM32F100xx embedded Flash memory
PM0063
20/30
Doc ID 16211 Rev 2
Table 6.
Option byte organization
Address
[31:24]
[23:16]
[15:8]
[7:0]
0x1FFF F800
nUSER
USER
nRDP
RDP
0x1FFF F804
nData1
Data1
nData0
Data0
0x1FFF F808
nWRP1
WRP1
nWRP0
WRP0
0x1FFF F80C
nWRP3
WRP3
nWRP2
WRP2
Table 7.
Description of the option bytes
Flash memory
address
Option bytes
0x1FFF F800
Bits [31:24] nUSER
Bits [23:16] USER: User option byte (stored in FLASH_OBR[9:2])
This byte is used to configure the following features:
–
Select the watchdog event: Hardware or software.
–
Reset event when entering Stop mode.
–
Reset event when entering Standby mode.
Note: Only bits [16:18] are used, bits [23:19]: 0x1F are not used.
Bit 18: nRST_STDBY
0: Reset generated when entering Standby mode.
1: No reset generated.
Bit 17: nRST_STOP
0: Reset generated when entering Stop mode
1: No reset generated
Bit 16: WDG_SW
0: Hardware watchdog
1: Software watchdog
Bits [15:8]: nRDP
Bits [7:0]: RDP: Read protection option byte
The read protection helps the user protect the software code stored in Flash
memory. It is activated by setting the RDP option byte.
When this option byte is programmed to a correct value (RDPRT key = 0x00A5),
read access to the Flash memory is allowed.
(The result of RDP level enabled/disabled is stored in FLASH_OBR[1].)
0x1FFF F804
Datax: Two bytes for user data storage.
These addresses can be programmed using the option byte programming
procedure.
Bits [31:24]: nData1
Bits [23:16]: Data1 (stored in FLASH_OBR[25:18])
Bits [15:8]: nData0
Bits [7:0]: Data0 (stored in FLASH_OBR[17:10])
0x1FFF F808
WRPx: Flash memory write protection option bytes
Bits [31:24]: nWRP1
Bits [23:16]: WRP1 (stored in FLASH_WRPR[15:8])
Bits [15:8]: nWRP0
Bits [7:0]: WRP0 (stored in FLASH_WRPR[7:0])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com