Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0063 Datasheet(PDF) 14 Page - STMicroelectronics

Part # PM0063
Description  STM32F100xx value line Flash programming
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0063 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PM0063 Datasheet HTML 10Page - STMicroelectronics PM0063 Datasheet HTML 11Page - STMicroelectronics PM0063 Datasheet HTML 12Page - STMicroelectronics PM0063 Datasheet HTML 13Page - STMicroelectronics PM0063 Datasheet HTML 14Page - STMicroelectronics PM0063 Datasheet HTML 15Page - STMicroelectronics PM0063 Datasheet HTML 16Page - STMicroelectronics PM0063 Datasheet HTML 17Page - STMicroelectronics PM0063 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Reading/programming the STM32F100xx embedded Flash memory
PM0063
14/30
Doc ID 16211 Rev 2
FLASH_SR register. The end of the program operation is indicated by the EOP bit in the
FLASH_SR register.
The main Flash memory programming sequence in standard mode is as follows:
Check that no main Flash memory operation is ongoing by checking the BSY bit in the
FLASH_SR register.
Set the PG bit in the FLASH_CR register.
Perform the data write (half-word) at the desired address.
Wait for the BSY bit to be reset.
Read the programmed value and verify.
Note:
The registers are not accessible in write mode when the BSY bit of the FLASH_SR register
is set.
2.3.4
Flash memory erase
The Flash memory can be erased page by page or completely (Mass Erase).
Page Erase
A page of the Flash memory can be erased using the Page Erase feature of the FPEC. To
erase a page, the procedure below should be followed:
Check that no Flash memory operation is ongoing by checking the BSY bit in the
FLASH_CR register
Set the PER bit in the FLASH_CR register
Program the FLASH_AR register to select a page to erase
Set the STRT bit in the FLASH_CR register
Wait for the BSY bit to be reset
Read the erased page and verify



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com