Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0063 Datasheet(PDF) 26 Page - STMicroelectronics

Part # PM0063
Description  STM32F100xx value line Flash programming
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0063 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button PM0063 Datasheet HTML 22Page - STMicroelectronics PM0063 Datasheet HTML 23Page - STMicroelectronics PM0063 Datasheet HTML 24Page - STMicroelectronics PM0063 Datasheet HTML 25Page - STMicroelectronics PM0063 Datasheet HTML 26Page - STMicroelectronics PM0063 Datasheet HTML 27Page - STMicroelectronics PM0063 Datasheet HTML 28Page - STMicroelectronics PM0063 Datasheet HTML 29Page - STMicroelectronics PM0063 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Register descriptions
PM0063
26/30
Doc ID 16211 Rev 2
3.6
Flash address register (FLASH_AR)
Address offset: 0x14
Reset value: 0x0000 0000
Updated by hardware with the currently/last used address. For Page Erase operations, this
should be updated by software to indicate the chosen page.
3.7
Option byte register (FLASH_OBR)
Address offset 0x1C
Reset value: 0x03FF FFFC
Note:
The reset value of this register depends on the value programmed in the option byte and the
OPTERR bit reset value depends on the comparison of the option byte and its complement
during the option byte loading phase.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
FAR[31:16]
www
www
w
w
ww
wwww
w
w
15
14
13
12
11
10
9
8
7654
32
1
0
FAR[15:0]
www
www
w
w
ww
wwww
w
w
Bits 31:0 FAR: Flash Address
Chooses the address to program when programming is selected, or a page to erase when
Page Erase is selected.
Note: Write access to this register is blocked when the BSY bit in the FLASH_SR register is
set.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
98765432
10
Reserved
Data1
Data2
Not used
rrrrrrrrrrr
rrrrrrrrrrrrr
rr
Bits 31:25 Reserved, must be kept cleared.
Bits 25:18 Data1
Bits 17:10 Data0
Bits 9:2 USER: User option bytes
This contains the user option byte loaded by the OBL.
Bits [9:5]: Not used (if these bits are written in the Flash option byte, they will be read in this
register with no effect on the device.)
Bit 4: nRST_STDBY
Bit 3: nRST_STOP
Bit 2: WDG_SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com