Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0063 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM0063
Description  STM32F100xx value line Flash programming
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0063 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM0063 Datasheet HTML 7Page - STMicroelectronics PM0063 Datasheet HTML 8Page - STMicroelectronics PM0063 Datasheet HTML 9Page - STMicroelectronics PM0063 Datasheet HTML 10Page - STMicroelectronics PM0063 Datasheet HTML 11Page - STMicroelectronics PM0063 Datasheet HTML 12Page - STMicroelectronics PM0063 Datasheet HTML 13Page - STMicroelectronics PM0063 Datasheet HTML 14Page - STMicroelectronics PM0063 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
PM0063
Reading/programming the STM32F100xx embedded Flash memory
Doc ID 16211 Rev 2
11/30
2
Reading/programming the STM32F100xx embedded
Flash memory
2.1
Introduction
This section describes how to read from or program to the STM32F100xx embedded Flash
memory.
2.2
Read operation
The embedded Flash module can be addressed directly, as a common memory space. Any
data read operation accesses the content of the Flash module through dedicated read
senses and provides the requested data.
The read interface consists of a read controller on one side to access the Flash memory,
and an AHB interface on the other side to interface with the CPU. The main task of the read
interface is to generate the control signals to read from the Flash memory as required by the
CPU. Accesses are either instruction fetches over the I-code bus, or data accesses (e.g.
literal pool) over the D-code bus. Since these two buses have the same Flash memory as
target, the interface gives priority to D-code bus accesses over I-code bus, instruction fetch
accesses.
2.2.1
Instruction fetch
The Cortex-M3 fetches the instruction over the I-Code bus and the literal pool
(constant/data) over the D-code bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com