Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0463 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0463
Description  ST7 full-speed USB library
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0463 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0463 Datasheet HTML 7Page - STMicroelectronics UM0463 Datasheet HTML 8Page - STMicroelectronics UM0463 Datasheet HTML 9Page - STMicroelectronics UM0463 Datasheet HTML 10Page - STMicroelectronics UM0463 Datasheet HTML 11Page - STMicroelectronics UM0463 Datasheet HTML 12Page - STMicroelectronics UM0463 Datasheet HTML 13Page - STMicroelectronics UM0463 Datasheet HTML 14Page - STMicroelectronics UM0463 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
UM0463
The USB state machine of the control endpoint
11/30
Table 6.
Bitmap of flag field in sUSB_vSetup
3.3
Standard requests
Most of the requests specified in Table 9-3 of the USB specification [1] are treated as
standard requests in the library. Table 7 lists all the standard requests and their valid
parameters in the library. Requests that are not in the table below are considered as
nonstandard requests.
D7
D6
D5
D4
D3
D2
D1
D0
Set if high byte of wValue is not zero
Set if low byte of wValue is not zero
Set if high byte of wIndex is not zero
Set if low byte of wIndex is not zero
Set if high byte of wLength is not zero
Set if low byte of wLength is not zero
Set if wLength is 1 (one)
Set if wLength is 2 (two)
Table 7.
Standard requests
State
bmRequest
Type
Low
byte of
wValue
High
byte of
wValue
Low
byte of
wIndex
High
byte of
wIndex
wLength
Comments
GET_STATUS
A, C
80
00
00
00
00
2
Get Status of the
Device.
C81
00
00
N
00
2
Get Status of Interface,
N is the valid interface
number.
A, C
82
00
00
00
00
2
Get Status of Endpoint
0 OUT direction.
A, C
82
00
00
80
00
2
Get Status of Endpoint
0 IN direction.
C82
00
00
EP
00
2
Get Status of Endpoint
EP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com