Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0463 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0463
Description  ST7 full-speed USB library
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0463 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0463 Datasheet HTML 13Page - STMicroelectronics UM0463 Datasheet HTML 14Page - STMicroelectronics UM0463 Datasheet HTML 15Page - STMicroelectronics UM0463 Datasheet HTML 16Page - STMicroelectronics UM0463 Datasheet HTML 17Page - STMicroelectronics UM0463 Datasheet HTML 18Page - STMicroelectronics UM0463 Datasheet HTML 19Page - STMicroelectronics UM0463 Datasheet HTML 20Page - STMicroelectronics UM0463 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
UM0463
The USB state machine of the control endpoint
17/30
Nonconstant descriptors
Some descriptors may not be constant and they can be generated by the user code or can
be read from outside of the MCU (such as an E2PROM.) For these descriptors, the
corresponding pointer variable defined in the above section should be set as value zero. If a
pointer is NULL, the library passes the request to the user code through the callback
function USER_USB_Setup(). In USER_USB_Setup(), the user code has to identify the
request by checking the parameters in sUSB_vSetup and performs the actions described in
Data IN stage with noncontinued data buffer.
Standard request with constant descriptors
For the request of device descriptor, the library replies with the data referred by the
DeviceDescriptor.
For the requests of the configuration descriptor, the library checks the index of configuration
descriptor and then replies with the data from the corresponding index in the
ConfigDescriptor[] array.
For the requests of configuration descriptors, the library checks the configuration index that
is smaller than Num_Configuration given by the user code. Then the library replies with the
data referred by the array of ConfigDescriptor[] accordingly.
For the requests of string descriptors, the library checks that the language ID is 0x0409 (US
English) and that the string index is smaller than NUM_APP_STR_DESC given by the user
code. Then the library replies with the data referred by the array of Appli_Desc_Tab[ ]
accordingly.
For the requests that are not one of the above discussed, the library calls callback function
USER_USB_Setup() to pass the request to the user code. This gives the user code an
opportunity to answer, for example, the HID descriptor of an HID device.
3.5.6
Set configuration and get configuration
A variable, vUSB_Configuration, is defined in the library to keep track of the current
configuration value. The content of this variable is returned to answer the Get Configuration
request.
In the process of Set Configuration request, the library checks the configuration value
versus the user variable Num_Configuration to ensure a valid configuration value is set.
Then the library calls a callback function USER_Set_Configuration() to let the user code
configure the device. In the USER_Set_Configuration(), the user code has to check the
value of vUSB_Configuration and configure the device to the specified configuration
correspondingly. The user code returns REQ_ERROR if the configuration value is invalid or
the device cannot be configured correctly, otherwise the user code returns a value of
REQ_SUCCESS.
Note:
When the device is unconfigured (vUSB_Configuration is zero), the user code has to set the
status register of all non-0 endpoints to DISABLE state. In any configured state, the user
code has to keep the status register of all unused endpoints in DISABLE state. This
requirement ensures that the Set Feature and the Clear Feature requests respond correctly.
3.5.7
Set interface and get interface
The library checks the parameters of the request and calls one of the two callback functions
USER_USB_Set_Interface() or USER_USB_Get_Interface().



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com