Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0463 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0463
Description  ST7 full-speed USB library
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0463 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0463 Datasheet HTML 17Page - STMicroelectronics UM0463 Datasheet HTML 18Page - STMicroelectronics UM0463 Datasheet HTML 19Page - STMicroelectronics UM0463 Datasheet HTML 20Page - STMicroelectronics UM0463 Datasheet HTML 21Page - STMicroelectronics UM0463 Datasheet HTML 22Page - STMicroelectronics UM0463 Datasheet HTML 23Page - STMicroelectronics UM0463 Datasheet HTML 24Page - STMicroelectronics UM0463 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
UM0463
Data transfer on noncontrol endpoints
21/30
The function USB_RecvDataEP?() is used to start a receiving procedure. The parameter
DataAddress is a pointer which points to the data buffer and the parameter Length gives the
length of the data package. After the receiving procedure is started, this function returns
REQ_SUCCESS to the caller immediately. The function returns REQ_ERROR if the
previous receiving procedure is not finished or the specified endpoint is in the state of
DISABLE or STALL. After starting the receiving procedure, the user code should call
function USB_TakeDataEP?() some time later to enquire that the data package is received.
The function USB_TakeDataEP?() returns 0xFF if the receiving procedure is not finished,
otherwise it returns a value that represents the length of the valid data bytes in the buffer.
The user code has to wait that a receiving procedure is finished before starting another
receiving procedure.
If the data packet to be received is longer than 254 bytes, the user code has to split the data
packet into smaller pieces that are shorter than 254 bytes. The length of these small data
pieces, except the last data piece, must be a multiple of the maximum packet size of the
endpoint used. Refer Section 1.2.1 for the maximum packet size of each endpoint.
4.3
Handling noncontrol endpoints directly
The library provides the standard procedure to transfer data on the noncontrol endpoints.
The user code can handle the data transfer on the noncontrol endpoints by access the
endpoint status registers directly. The library defines a set of operations to manipulate the
status registers.
4.3.1
Endpoint status registers
Refer to Section 1.2.1, each endpoint has four possible states and they are defined as
EP_DISABLE, EP_STALL, EP_NAK and EP_ACK respectively.
For ST7265, there are four operations available to read status registers:
USB_GetRx1Status()
// Get the endpoint 1 receiving status
USB_GetTx1Status()
// Get the endpoint 1 sending status
USB_GetRx2Status()
// Get the endpoint 2 receiving status
USB_GetTx2Status()
// Get the endpoint 2 sending status
For ST7SCR, there are six operations available to read status registers:
USB_GetTx1Status()
// Get the endpoint 1 sending status
USB_GetRx2Status()
// Get the endpoint 2 receiving status
USB_GetTx2Status()
// Get the endpoint 2 sending status
USB_GetTx3Status()
// Get the endpoint 3 sending status
USB_GetTx4Status()
// Get the endpoint 4 sending status
USB_GetTx5Status()
// Get the endpoint 5 sending status
For ST7265, there are four operations available to set status registers:
USB_SetTxEP1Status(Status) // Set the endpoint 1 sending status
USB_SetRxEP1Status(Status) // Set the endpoint 1 receiving status
USB_SetTxEP2Status(Status) // Set the endpoint 2 sending status
USB_SetRxEP2Status(Status) // Set the endpoint 2 receiving status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com