Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0463 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0463
Description  ST7 full-speed USB library
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0463 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0463 Datasheet HTML 12Page - STMicroelectronics UM0463 Datasheet HTML 13Page - STMicroelectronics UM0463 Datasheet HTML 14Page - STMicroelectronics UM0463 Datasheet HTML 15Page - STMicroelectronics UM0463 Datasheet HTML 16Page - STMicroelectronics UM0463 Datasheet HTML 17Page - STMicroelectronics UM0463 Datasheet HTML 18Page - STMicroelectronics UM0463 Datasheet HTML 19Page - STMicroelectronics UM0463 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
The USB state machine of the control endpoint
UM0463
16/30
Recipient of endpoint
The library does not support the Halt feature for the endpoint 0. In the configured state, the
library checks if status register of the specified endpoint is not set as DISABLE (see
Section 1.2.1). Then the endpoint is set to STALL status (Set Feature) or is set to NAK
status if it was in the STALL status (Clear Feature.)
After the status of the endpoint is changed correctly, the user code implemented callback
function USER_USB_Clear_Feature_EP() is called for the Clear Feature request and the
USER_USB_Set_Feature_EP() is called for the Set Feature request. In
USER_USB_Clear_Feature_EP(), the user code knows that a STALL condition is cleared
for certain endpoint and it is up to the user code to set the endpoint to ACK or stay in NAK
status. In USER_USB_Set_Feature_EP(), the user code knows that a STALL condition is
set for certain endpoint so that the state machine of that endpoint can be paused or
stopped.
3.5.4
Set address
The library checks the parameters of the request and set the device to the new address if
the request is valid. There is no user code callback for this request.
3.5.5
Get descriptor
A structure is defined for the user code to pass the descriptors to the library.
typedef struct OneDescriptor {
char *Descriptor;
unsigned short Size;
} ONE_DESCRIPTOR;
The field Descriptor is the pointer that points to the descriptor and the field Size gives the
length of the descriptor.
An Application Descriptor table (Appli_Desc_Tab) is defined in the user area to keep track of
descriptors. The number of string descriptors in the table has to be configured by the user
through NUM_APP_STR_DESC macro (descriptor.h file) and the descriptor table has to be
changed accordingly. This descriptor table is accessed through a pointer variable
(DescTabPtr) which is present at a fixed location in the RAM. The user has to pass the
address of the table to this pointer (DescTabPtr) in his main (App_main) function. The rest
will be taken care of by the library.
For StringDescriptors, the 3rd descriptor in the descriptor table must list all the language ID
supported. The remaining string descriptors will follow language ID descriptor in the
descriptor table.
Limitation: The library supports the language ID of US English (0x0409) only, so the element
0 of StringDescriptor should list one language ID of US English only.
Constant descriptors
A descriptor is constant if the descriptor is stored in a single continued data buffer when it is
going to be sent to the host. With the constant descriptors, the application initializes the
Descriptor table pointer with the table address. The library will send the constant descriptors
when they are required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com