Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0463 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM0463
Description  ST7 full-speed USB library
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0463 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM0463 Datasheet HTML 20Page - STMicroelectronics UM0463 Datasheet HTML 21Page - STMicroelectronics UM0463 Datasheet HTML 22Page - STMicroelectronics UM0463 Datasheet HTML 23Page - STMicroelectronics UM0463 Datasheet HTML 24Page - STMicroelectronics UM0463 Datasheet HTML 25Page - STMicroelectronics UM0463 Datasheet HTML 26Page - STMicroelectronics UM0463 Datasheet HTML 27Page - STMicroelectronics UM0463 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Device firmware upgrade support
UM0463
24/30
6
Device firmware upgrade support
The library provides the support for the IAP which is used to change the application code
(present in sector 1 and sector 2) through the USB without disturbing the code of sector 0.
The Boot loader (USB + DFU) code of the library is placed in the sector 0. The user has to
take care that his code is always placed in sector 1 and sector 2 and the code in sector 0
should not be disturbed. Use only those pragmas which are used in user code file or new
defined pragmas. Don't use pragmas of bootloader. Refer to the lkf file for pragmas of each
sector.
To upgrade the firmware the user has to go to DFU mode and after upgrading he has to
return to the application mode. There can be two possible scenarios to go to DFU mode:
1.
Composite mode: DFU Detach command is issued on the DFU interface to jump from
application mode to DFU mode
2.
Noncomposite mode: In this mode the user has to enter the DFU mode by means of
checking the hardware switch after reset (e.g. Check the port status, if the pin level is
low then boot in DFU mode, else go to the application mode). The current code is using
PF3. If it's LOW, DFU mode is entered, otherwise it will boot in an application mode.
Firmware Upgrade: In the DFU mode, the user can upgrade the firmware through the PC
GUI. For upgrading the firmware the user first needs to convert .s19 file into .dfu file through
the GUI. Once converted, this dfu file will be used by the GUI to upgrade the firmware. For
changing the code, the flash of microcontroller needs 12 V during erasing and writing. The
supply for this 12 V should be available on the board (e.g. using charge pump ST662A).
Caution:
12 V should be supplied to the VPP pin of the microcontroller only during erasing or writing
the flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com