Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0463 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0463
Description  ST7 full-speed USB library
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0463 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0463 Datasheet HTML 8Page - STMicroelectronics UM0463 Datasheet HTML 9Page - STMicroelectronics UM0463 Datasheet HTML 10Page - STMicroelectronics UM0463 Datasheet HTML 11Page - STMicroelectronics UM0463 Datasheet HTML 12Page - STMicroelectronics UM0463 Datasheet HTML 13Page - STMicroelectronics UM0463 Datasheet HTML 14Page - STMicroelectronics UM0463 Datasheet HTML 15Page - STMicroelectronics UM0463 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
The USB state machine of the control endpoint
UM0463
12/30
CLEAR_FEATURE
A, C
00
01
00
00
00
00
Clear the device
remote wake-up
feature.
C02
00
00
EP
00
00
Clear STALL condition
of endpoint EP. EP
does not refer to
endpoint 0.
SET_FEATURE
A, C
00
01
00
00
00
00
Set the device remote
wake-up feature.
C02
00
00
EP
00
00
Set STALL condition of
endpoint EP. EP does
not refer to endpoint 0.
SET_ADDRESS
D, A
00
N
00
00
00
00
Set the device address,
N is the valid device
address.
GET_DESCRIPTOR
All
80
00
01
00
00
Non-0
Get the device
descriptor.
All
80
N
02
00
00
Non-0
Get the configuration
descriptor; N is the
valid configuration
index.
All
80
N
03
LangID
Non-0
Get the string
descriptor; N is the
valid string index. This
request is valid only
when the string
descriptor is
supported.
GET_CONFIGURATION
A, C
80
00
00
00
00
1
Get the device
configuration.
SET_CONFIGURATION
A, C
80
N
00
00
00
00
Set the device
configuration; N is the
valid configuration
number.
GET_INTERFACE
C81
00
00
N
00
1
Get alternate setting of
the interface N; N is the
valid interface number.
SET_INTERFACE
C01
M
00
N
00
00
Set alternate setting M
of the interface N; N is
the valid interface
number and M is the
valid alternate setting
of the interface N.
Table 7.
Standard requests (continued)
State
bmRequest
Type
Low
byte of
wValue
High
byte of
wValue
Low
byte of
wIndex
High
byte of
wIndex
wLength
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com