Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD705102 Datasheet(PDF) 25 Page - NEC

Part # UPD705102
Description  V832TM 32-BIT MICROPROCESSOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD705102 Datasheet(HTML) 25 Page - NEC

Back Button UPD705102 Datasheet HTML 21Page - NEC UPD705102 Datasheet HTML 22Page - NEC UPD705102 Datasheet HTML 23Page - NEC UPD705102 Datasheet HTML 24Page - NEC UPD705102 Datasheet HTML 25Page - NEC UPD705102 Datasheet HTML 26Page - NEC UPD705102 Datasheet HTML 27Page - NEC UPD705102 Datasheet HTML 28Page - NEC UPD705102 Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
µPD705102
25
Data Sheet U13675EJ2V1DS00
TM1 (16 bits)
Clear & start
TCLR1
Edge
detection
/2
/4
φ
φ
φ
m
m/4
m/16
φ
φ
m
φ
φ
Note 1
Edge detection
TI
Note 2
INTOV1
Edge detection
INTP10
Edge detection
INTP11
Edge detection
INTP12
Edge detection
INTP13
CC10
CC11
CC12
CC13
S
R
Q
Q
TO10
INTCC10
INTCC11
S
R
Q
Q
TO11
INTCC12
INTCC13
Note 3
Note 3
The configurations of timer 1 and timer 4 are shown below.
Figure 10-1. Block Configuration of Timer 1
Notes 1. Internal count clock
2. When the external count clock is TI: 6.0 MHz or lower: @input clock 6
×
: 4.5 MHz or lower: @input clock 8
×
3. Reset priority
Remarks 1.
φ = bus clock: 48 M to 1.3 MHz: @input clock 6×
: 36 M to 0.73 MHz: @input clock 8
×
2.
φm = intermediate clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com