Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD705102 Datasheet(PDF) 76 Page - NEC

Part # UPD705102
Description  V832TM 32-BIT MICROPROCESSOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD705102 Datasheet(HTML) 76 Page - NEC

Back Button UPD705102 Datasheet HTML 72Page - NEC UPD705102 Datasheet HTML 73Page - NEC UPD705102 Datasheet HTML 74Page - NEC UPD705102 Datasheet HTML 75Page - NEC UPD705102 Datasheet HTML 76Page - NEC UPD705102 Datasheet HTML 77Page - NEC UPD705102 Datasheet HTML 78Page - NEC UPD705102 Datasheet HTML 79Page - NEC UPD705102 Datasheet HTML 80Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 76 / 80 page
background image
µPD705102
Data Sheet U13675EJ2V1DS00
76
18. RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions.
For the details of the recommended soldering conditions, refer to the document Semiconductor Device Mounting
Technology Manual (C10535E).
For soldering methods and conditions other than those recommended below, contact your NEC sales represen-
tative.
Table 18-1. Surface Mounting Type Soldering Conditions
µPD705102GM-143-8ED: 160-pin plastic LQFP (fine pitch) (24 × 24 mm)
µPD705102GM-133-8ED: 160-pin plastic LQFP (fine pitch) (24 × 24 mm)
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
IR35-103-2
VPS
VP15-103-2
Partial heating
Note After opening dry pack, store it at 25
°C or less and 65% RH or less for the allowable storage period.
Caution Do not use different soldering methods together (except for partial heating).
Package peak temperature: 235
°C, Time: 30 sec. Max. (at 210°C or higher),
Count: two times or less, Exposure limit: 3 daysNote (after that, prebake 125
°C
for 10 hours)
Package peak temperature: 215
°C, Time: 40 sec. Max. (at 200°C or higher),
Count: two times or less, Exposure limit: 3 daysNote (after that, prebake 125
°C
for 10 hours)
Pin temperature: 300
°C Max., Time: 3 sec. Max. (per pin row)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com