Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD705102 Datasheet(PDF) 74 Page - NEC

Part # UPD705102
Description  V832TM 32-BIT MICROPROCESSOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD705102 Datasheet(HTML) 74 Page - NEC

Back Button UPD705102 Datasheet HTML 70Page - NEC UPD705102 Datasheet HTML 71Page - NEC UPD705102 Datasheet HTML 72Page - NEC UPD705102 Datasheet HTML 73Page - NEC UPD705102 Datasheet HTML 74Page - NEC UPD705102 Datasheet HTML 75Page - NEC UPD705102 Datasheet HTML 76Page - NEC UPD705102 Datasheet HTML 77Page - NEC UPD705102 Datasheet HTML 78Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
µPD705102
Data Sheet U13675EJ2V1DS00
74
(10) Timer timing
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
TI clock cycle
<69>
tCYT
8T
ns
TI clock high-level time
<70>
tTIH
4T + 10
ns
TI clock low-level time
<71>
tTIL
4T + 10
ns
TI clock rise time
<72>
tTR
10
ns
TI clock fall time
<73>
tTF
10
ns
TCLR clock high-level time
<74>
tCLH
4T + 10
ns
TCLR clock low-level time
<75>
tCLL
4T + 10
ns
Remark
T = tCYK (external clock cycle)
<69>
<70>
<71>
<75>
<74>
<72>
<73>
TI (input)
2.0 V
0.5 VDDO
0.6 V
2.0 V
0.6 V
TCLR (input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com