Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD705102 Datasheet(PDF) 33 Page - NEC

Part # UPD705102
Description  V832TM 32-BIT MICROPROCESSOR
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD705102 Datasheet(HTML) 33 Page - NEC

Back Button UPD705102 Datasheet HTML 29Page - NEC UPD705102 Datasheet HTML 30Page - NEC UPD705102 Datasheet HTML 31Page - NEC UPD705102 Datasheet HTML 32Page - NEC UPD705102 Datasheet HTML 33Page - NEC UPD705102 Datasheet HTML 34Page - NEC UPD705102 Datasheet HTML 35Page - NEC UPD705102 Datasheet HTML 36Page - NEC UPD705102 Datasheet HTML 37Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
µPD705102
33
Data Sheet U13675EJ2V1DS00
13. STANDBY FUNCTION
The V832 has the following two modes as standby functions:
• Power management mode
• Standby mode
(1) Power management mode
The following two power management modes can be used. According to the combination of these modes, the
operating frequency is actively changed.
• PLL mode
This is the mode normally used. In this mode, the oscillation clock of the external input clock/OSC, which is
expanded 6 or 8 times by the PLL synthesizer, is employed as the CPU clock.
• Direct mode
In this mode, the oscillation clock of the external input clock/OSC is employed as the CPU clock without passing
through the PLL synthesizer.
(2) Standby mode
The following two standby modes can be used.
• HALT mode
In this mode, the clock generator (oscillator and PLL synthesizer) operates, but the operating clock of the CPU
is stopped. The other internal peripheral functions are supplied with the clock and continue operation. By using
this mode in combination with the normal mode, the power consumption of the entire system can be reduced.
• STOP mode
This mode stops supply of the clock to the CPU and peripheral I/O.
It can reduce the power consumption much more than the HALT mode.
Clock output of PLL synthesizer
• In PLL mode:
Operation of the PLL can be started or stopped by the PLLSS bit of the power management
register (PMR).
• In direct mode: The PLL always stops.
Table 13-1 shows the operation of the clock generator in each mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com