Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0805 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0805
Description  EVALSPEAr600 - evaluation board for the SPEAr600
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0805 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0805 Datasheet HTML 2Page - STMicroelectronics UM0805 Datasheet HTML 3Page - STMicroelectronics UM0805 Datasheet HTML 4Page - STMicroelectronics UM0805 Datasheet HTML 5Page - STMicroelectronics UM0805 Datasheet HTML 6Page - STMicroelectronics UM0805 Datasheet HTML 7Page - STMicroelectronics UM0805 Datasheet HTML 8Page - STMicroelectronics UM0805 Datasheet HTML 9Page - STMicroelectronics UM0805 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Contents of the kit
UM0805
6/29
Doc ID 16304 Rev 3
2
Contents of the kit
The EVALSPEAr600 evaluation board kit contains:
●
SPEAr600 evaluation board
●
AC/adapter (output voltage 12 V)
●
2 power cords (USA/Europe)
●
User manual /Getting started documentation
3
Connectors locations
Figure 2.
Connectors locations
J6 ETM9 ARM2
J2 USB2 Device
J17 A2D
J22 LCD
J19 GPIO
Manual
Reset
J18 Jtag ARM2
J16 COM2
P1 COM1
J15 IrDA
J26 Power Jack
+12V
J5 ETM9
ARM1 & ARM2
J9 RTC Battery
J4 USB2 Host2
J3 USB2 Host1
SW1 Functional
Configuration
SW2 General
Purpose
J1 Exp. Connector (optional)
FPGA Virtex4
(optional)
SPEAr600
SW4 Ethernet
configuration
J8 Jtag ARM1
J25 Ethernet
JP8..JP17
Ethernet
Strap Option
J21 NandFlash
JP5 NandFlash
selection
U12
J14 COM1
Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com