Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0805 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0805
Description  EVALSPEAr600 - evaluation board for the SPEAr600
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0805 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0805 Datasheet HTML 6Page - STMicroelectronics UM0805 Datasheet HTML 7Page - STMicroelectronics UM0805 Datasheet HTML 8Page - STMicroelectronics UM0805 Datasheet HTML 9Page - STMicroelectronics UM0805 Datasheet HTML 10Page - STMicroelectronics UM0805 Datasheet HTML 11Page - STMicroelectronics UM0805 Datasheet HTML 12Page - STMicroelectronics UM0805 Datasheet HTML 13Page - STMicroelectronics UM0805 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Block descriptions
UM0805
10/29
Doc ID 16304 Rev 3
6.3
External FPGA subsystem (optional)
This block includes an FPGA (Xilinx Virtex4 LX60) plus its Flash memories and the JTAG
interface for programming it. The FPGA is connected to the SPEAr600 through a proprietary
bidirectional bus. This enables the development of IPs in the FPGA. In this way the FPGA
can be used as an expansion of the system. When the FPGA is present, 112 additional I/O
lines are provided on the expansion connector (J1). A dedicated clock input line for the
FPGA is also connected to socket U4 where an external oscillator can be installed if a
special clock frequency needs to be input to the FPGA. The oscillator output can be enabled
or disabled using switch SW2-4.
The interface between the FPGA and the SPEAr600 can be synchronous or asynchronous.
Its speed can also be set independently from the system speed. This means that, even with
this interface is running at 60~80 MHz (which can be considered as a reasonable speed) all
the other blocks of the SPEAr can still work at their maximum frequency.
6.4
Ethernet subsystem
This subsystem is based on the Ethernet GMII PHY DP83865 (U14) and a connector that
also includes all the required magnetics. Several configuration jumpers are present and also
several LEDs to display the line status/activity.
6.4.1
Configuration jumpers and switches
Note:
When DIP switch SW4-x is in the ON position, the bit value is 0. When the DIP switch is in
the OFF position, the bit value is 1.
Table 1.
Switch 4 configuration
Bit
Description
1
PHY Address bit 1 (default value = 0)
2
PHY Address bit 2 (default value = 1)
3
PHY Address bit 3 (default value = 0)
4
PHY Address bit 4 (default value = 0)
5
Multiple Node Enable: This pin determines if the PHY advertises Master (multiple
nodes) or Slave (single node) priority during 1000BASE-T Auto-Negotiation.
1: Selects multiple node priority (switch or hub).
0: Selects single node priority (NIC) (default value).
6
Auto MDIX Enable: This pin controls the automatic pair swap (Auto-MDIX) of the
MDI/MDIX interface.
1: Enables pair swap mode.
0: Disables the Auto-MDIX and defaults the part into the mode preset by the
MAN_MDIX_STRAP pin (default value)
7
Clock To MAC Enable:
1: CLK_TO_MAC clock output enabled (default value)
0: CLK_TO_MAC disabled
8
Not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com