Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0805 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM0805
Description  EVALSPEAr600 - evaluation board for the SPEAr600
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0805 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM0805 Datasheet HTML 4Page - STMicroelectronics UM0805 Datasheet HTML 5Page - STMicroelectronics UM0805 Datasheet HTML 6Page - STMicroelectronics UM0805 Datasheet HTML 7Page - STMicroelectronics UM0805 Datasheet HTML 8Page - STMicroelectronics UM0805 Datasheet HTML 9Page - STMicroelectronics UM0805 Datasheet HTML 10Page - STMicroelectronics UM0805 Datasheet HTML 11Page - STMicroelectronics UM0805 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Start up
UM0805
8/29
Doc ID 16304 Rev 3
5
Start up
5.1
Unpacking
ELECTROSTATIC WARNING:
The EVALSPEAr600 Evaluation board is shipped in protective anti-static packaging.
The board must not be subjected to high electrostatic potentials. General practices
for working with static sensitive devices should be applied when working with this
board.
●
Wear an anti-static wristband - Wearing a simple anti-static wristband can help to
prevent ESD from damaging the SPEAr600 evaluation board.
●
Self-grounding - Touch a grounded conducting material before handling and
periodically while handling the SPEAr600 evaluation board.
●
Use an anti-static pad - When configuring the SPEAr600 evaluation board, place it on
an antic-static pad to reduce the possibility of ESD damage.
●
Only handle the board edges - When handling the SPEAr600 evaluation board.
5.2
Connection
●
Connect a serial cable (RS232 on P1) to a host PC (see Figure 2).
●
On a host PC running Windows or Linux, start the Terminal program.
●
Connect the AC Adapter to a power outlet.
●
Power ON the board (plug the jack of the AC/Adapter on J26). A sequence of boot
messages is displayed, followed by the Linux console prompt.
For more information, refer to the UM0844 available on www.st.com/spear.
5.3
Booting procedure
The SPEAr600 Board is able to boot a Linux kernel pre-installed in the serial NOR Flash.
At power on, the serial port outputs a brief header message with some uBoot information
(uBoot version, SDK version, and some internal hardware information). At this point you can
choose to:
1.
Stop the system directly in uBoot: For this you have to press the spacebar on the
host computer keyboard before the boot delay time expires (default is 3 seconds).
2.
Boot Linux: The system logs you in automatically as super user and the Linux shell
prompt is displayed on the screen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com