Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0805 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0805
Description  EVALSPEAr600 - evaluation board for the SPEAr600
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0805 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0805 Datasheet HTML 10Page - STMicroelectronics UM0805 Datasheet HTML 11Page - STMicroelectronics UM0805 Datasheet HTML 12Page - STMicroelectronics UM0805 Datasheet HTML 13Page - STMicroelectronics UM0805 Datasheet HTML 14Page - STMicroelectronics UM0805 Datasheet HTML 15Page - STMicroelectronics UM0805 Datasheet HTML 16Page - STMicroelectronics UM0805 Datasheet HTML 17Page - STMicroelectronics UM0805 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Block descriptions
UM0805
14/29
Doc ID 16304 Rev 3
6.8
Real time clock (battery powered)
The real time clock (RTC) is powered with a 3V external battery (J9) in order to avoid losing
its data even if the main power supply is switched off.
6.9
General power supply
From a 12 V ~ 25 V external AC/DC regulator power source, this block generates all the
required voltages as follows:
●
1.0 V (Switching regulator) to supply the internal logic of the SPEAr600
●
1.2 V (Switching regulator) for the FPGA core
●
1.8 V (LDO regulator) for the DDR2 memory
●
2.5 V (LDO regulator) for the analog portion of SPEAr600 and for the Ethernet interface
●
3.3 V (LDO regulator) to supply the other interfaces
●
5 V (Switching regulator) to supply the USB Host VBUS
A power monitor is also present to provide the general reset of the board.
6.10
General-purpose I/Os
Ten general purpose I/Os are present on the board. Four of them are connected to a DIP
switch to allow the user to select/deselect them. The other two, GPIO4 and GPIO5, drive
two LEDs (one green and one yellow). All the GPIOs are also connected to the J19
connector which also has GND and 3.3V pins available.
Note:
For the connector pinout, refer to the schematic drawing available on www.st.com/spear.
6.11
LEDs
Several LEDs are present on the board. They display the following status information:
●
D13 (green) - Main power present
●
D1 (green) - VBUS present on USB HOST port 1
●
D3 (green) - VBUS present on USB HOST port 1
●
D2 (red) - Abnormal current flowing on USB HOST 1 port
●
D4 (red) - Abnormal current flowing on USB HOST 1 port
●
D5 (yellow) - Switched on/off by GPIO4
●
D6 (green) - Switched on/off by GPIO5
●
D7-11 (yellow) - Ethernet line status LEDs. Refer to Section 6.4: Ethernet subsystem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com