Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0805 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0805
Description  EVALSPEAr600 - evaluation board for the SPEAr600
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0805 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0805 Datasheet HTML 9Page - STMicroelectronics UM0805 Datasheet HTML 10Page - STMicroelectronics UM0805 Datasheet HTML 11Page - STMicroelectronics UM0805 Datasheet HTML 12Page - STMicroelectronics UM0805 Datasheet HTML 13Page - STMicroelectronics UM0805 Datasheet HTML 14Page - STMicroelectronics UM0805 Datasheet HTML 15Page - STMicroelectronics UM0805 Datasheet HTML 16Page - STMicroelectronics UM0805 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
UM0805
Block descriptions
Doc ID 16304 Rev 3
13/29
execution to the external trace box and the external box stores this information in a
local buffer. This makes it possible, by stopping the CPU activity, to analyze the actual
program flow. For example, if a particular data abort occurs, you can set a breakpoint
on the data abort location and then, when the breakpoint is reached you can analyze
the trace buffer. With this information, it becomes a simple task to identify the event that
produced the problem.
The following configurations can be selected by setting SW1 bits [3:1].
Please refer to the documentation of the trace box manufacturers for more information on
the ETM interface (www.lauterbach.com, www.agilent.com, www.yokogawa.com).
6.7
A/D interface
Eight analog input lines are provided on the J17 connector. The connector also allows you to
determine the conversion range by setting the conversion limits on pins J17-19 (lower limit)
and J17-1 (upper limit). The default setting is to have pins 1-2 and 19-20 shorted by
jumpers.
In this way the conversion range is set to the maximum value (0 ~ 2.5V with a granularity of
2.44 mV) but by removing the two jumpers and providing different values on pin 1 and 19 it
is possible to reduce the range and thus increase the granularity. For example if you input
1 V on J17-19 and 2 V on J17-1 the range will be 1 V ~ 2 V in steps of less than 1 mV.
In any case the following relationships between the pins should be ensured:
Table 6.
Switch 1 configuration settings
Switch 1
Description
32
1
0
0
0
No debug features available.
0
0
1
The 1st ARM JTAG is connected to J8.
0
1
0
The 2nd ARM JTAG is connected to J8.
0
1
1
Both the ARM JTAGs are connected in a daisy chain on J8.
10
0
The 1st ARM JTAG is connected to J8 and the 2nd ARM JTAG is connected to
J18.
1
0
1
ARM1 ETM bus available on J5 (4-bit demultiplexed mode).
1
1
0
ARM2 ETM bus available on J5 (4-bit demultiplexed mode).
11
1
ARM1 ETM bus available on J5 and ARM2 ETM bus available on J6 (Both in 4-bit
demultiplexed mode). (1)
1.
To make the ARM2 ETM bus fully available on J6, the board has to be set up as follows:
1. Populate resistors R48, R49, R50, R51 and R52 with 0 ohm resistors.
2. Remove resistors R93 and R94.
0 V
≤
J17-19
≤
J17 17 ~ 3
≤
J17-1
≤
2.5 V
AGND
≤
Vref_n
≤
ADC_In
channels
≤
Vref_p
≤
AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com