Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4206 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4206
Description  Getting started with STM32F3 series hardware development
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4206 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4206 Datasheet HTML 2Page - STMicroelectronics AN4206 Datasheet HTML 3Page - STMicroelectronics AN4206 Datasheet HTML 4Page - STMicroelectronics AN4206 Datasheet HTML 5Page - STMicroelectronics AN4206 Datasheet HTML 6Page - STMicroelectronics AN4206 Datasheet HTML 7Page - STMicroelectronics AN4206 Datasheet HTML 8Page - STMicroelectronics AN4206 Datasheet HTML 9Page - STMicroelectronics AN4206 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Power supplies
AN4206
6/34
DocID023944 Rev 4
1
Power supplies
1.1
Power supply schemes
There are a variety of power supply schemes:
VDD = 2.0 to 3.6 V: external power supply for I/Os and the internal regulator.
Provided externally through VDD pins.
VDDA = 2.0 to 3.6 V: external analog power supply for ADC/DAC, Comparators, Reset
blocks, RCs and PLL (in all STM32F3 series devices except STM32F373 line, the
minimum voltage to be applied to VDDA is 2.4 V when the OPAMP and DAC are used.
In STM32F373, minimum voltage to be applied to VDDA is 2.4 V when the ADC and
DAC are used).
The VDDA voltage level must always be greater than or equal to the VDD voltage level
and must be provided first.
VBAT = 1.65 to 3.6 V: power supply for RTC, external clock 32 kHz oscillator and
backup registers (through power switch) when VDD is not present.
VDDSD12= 2.2 to 3.6 V: external power supply for SDADC1/2, PB2, PB10, and PE7 to
PE15 I/O pins (I/O pin ground is internally connected to VSS). VDDSD12 must always be
kept lower or equal to VDDA. If VDDSD12 is not used, it must be connected to VDDA.
VDDSD3= 2.2 to 3.6 V: external power supply for SDADC3, PB14 to PB15 and PD8 to
PD15 I/O pins (I/O pin ground is internally connected to VSS). VDDSD3 must always be
kept lower or equal to VDDA. If VDDSD3 is not used, it must be connected to VDDA.
Note:
VDDSD12 and VDDSD3 are available on STM32F373 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com