Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4206 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4206
Description  Getting started with STM32F3 series hardware development
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4206 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4206 Datasheet HTML 12Page - STMicroelectronics AN4206 Datasheet HTML 13Page - STMicroelectronics AN4206 Datasheet HTML 14Page - STMicroelectronics AN4206 Datasheet HTML 15Page - STMicroelectronics AN4206 Datasheet HTML 16Page - STMicroelectronics AN4206 Datasheet HTML 17Page - STMicroelectronics AN4206 Datasheet HTML 18Page - STMicroelectronics AN4206 Datasheet HTML 19Page - STMicroelectronics AN4206 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Clocks
AN4206
16/34
DocID023944 Rev 4
2
Clocks
Three different clock sources can be used to drive the system clock (SYSCLK):
HSI 8 MHz RC oscillator clock (high-speed internal clock signal)
HSE oscillator clock (high-speed external clock signal)
PLL clock
The devices have other secondary clock sources:
40 kHz low-speed internal RC (LSI RC) that drives the independent watchdog and,
optionally, the RTC used for Auto-wakeup from the Stop/Standby modes.
32.768 kHz low-speed external crystal (LSE crystal) that optionally drives the real-time
clock (RTCCLK)
Each clock source can be switched on or off independently when it is not used, to optimize
the power consumption. Refer to the STM32F3xx reference manuals (RM0316, RM0313,
RM0364, RM0365 and RM0366) for a description of the clock tree.
2.1
High speed external clock signal (HSE) OSC clock
The high speed external clock signal can be generated from two possible clock sources:
HSE external crystal/ceramic resonator
HSE user external clock
The resonator and the load capacitors have to be placed as close as possible to the
oscillator pins in order to minimize output distortion and startup stabilization time. The
loading capacitance values must be adjusted according to the selected oscillator.
Figure 9. HSE/ LSE clock sources
Clock source
Hardware configuration
External clock
Crystal/Ceramic
resonators
OSC_OUT
External
source
GPIO
OSC_IN
OSC_IN OSC_OUT
Load
capacitors
CL2
CL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com