Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4467 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4467
Description  Getting started with STM32L0xx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4467 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4467 Datasheet HTML 2Page - STMicroelectronics AN4467 Datasheet HTML 3Page - STMicroelectronics AN4467 Datasheet HTML 4Page - STMicroelectronics AN4467 Datasheet HTML 5Page - STMicroelectronics AN4467 Datasheet HTML 6Page - STMicroelectronics AN4467 Datasheet HTML 7Page - STMicroelectronics AN4467 Datasheet HTML 8Page - STMicroelectronics AN4467 Datasheet HTML 9Page - STMicroelectronics AN4467 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Power supplies
AN4467
6/33
DocID026156 Rev 2
1
Power supplies
1.1
Introduction
The chip requires power supply on different power pins:
•
VDD= 1.65 to 3.6 V: external power supply for I/Os and the internal regulator. Provided
externally through VDD pins. For VDD below 1.8 V see Section 1.3.3: Brownout reset
(BOR)
•
VDDA = VDD: external analog power supply for ADC/DAC, Comparators, Reset blocks,
RCs and PLL. The minimum voltage to be applied to VDDA is 1.8 V when the DAC is
used.The VDDA voltage level must always be equal to VDD, a maximum difference of
300 mV between VDD and VDDA can be tolerated during power-up and normal
operation.
•
VLCD= 2.5 to 3.6 V when the LCD controller is powered externally. When the LCD is
powered internally from the voltage generated by the embedded step-up converter,
VLCD pin must be connected to a capacitor. If the LCD is not used at all, this pin should
be connected to VDDA.
•
VDD_USB = 3.0 to 3.6 V, VDD_USB is a dedicated independent USB power supply for
USB transceivers. The minimum value of 3.0 V guarantees the USB signal voltage
level. When USB is not used the application must supply VDD_USB = 1.65 to 3.6 V.
Digital power voltage (VCORE) is provided with an embedded linear voltage regulator with
three different programmable ranges from 1.2 to 1.8 V.
To be fully functional at full speed, the device requires a 1.71 to 3.6 V operating voltage
supply (VDD), making possible to reach the digital power voltage VCORE close to 1.8 V
(product voltage range 1).
Product voltage range 2 (VCORE = 1.5 V) and 3 (VCORE = 1.2 V) can be selected when the
VDD operates from 1.65 to 3.6 V. Therefore, frequency is limited to 16 MHz and 4.2 MHz,
respectively.
When the DAC and brownout reset (BOR) are not used, the device can operate at power
voltages below 1.8 V, down to 1.65 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com