Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4467 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4467
Description  Getting started with STM32L0xx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4467 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4467 Datasheet HTML 10Page - STMicroelectronics AN4467 Datasheet HTML 11Page - STMicroelectronics AN4467 Datasheet HTML 12Page - STMicroelectronics AN4467 Datasheet HTML 13Page - STMicroelectronics AN4467 Datasheet HTML 14Page - STMicroelectronics AN4467 Datasheet HTML 15Page - STMicroelectronics AN4467 Datasheet HTML 16Page - STMicroelectronics AN4467 Datasheet HTML 17Page - STMicroelectronics AN4467 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Power supplies
AN4467
14/33
DocID026156 Rev 2
1.3.1
Power-on reset (POR) / Power-down reset (PDR),
Brownout reset (BOR)
The monitoring voltage begins at 0.7 V.
During power-on, for devices operating between 1.8 and 3.6 V, the BOR keeps the device
under reset until the supply voltages (VDD and VDDA) come close to the lowest acceptable
voltage (1.8 V). At power-up this internal reset is maintained during ~ 1 ms to wait for the
supply to reach its final value and stabilize.
At power-down the reset is activated as soon as the power drops below the lowest limit (i.e.
1.65 V).
At power-on, a defined reset should be maintained below 0.7 V. The upper threshold for a
reset release is defined in the electrical characteristics section of the product datasheets.
Figure 5. Power on reset/power down reset waveform
For a programmable threshold above the chip lowest limit, a brownout reset can be
configured to the desired value. The BOR can also be used to detect a power voltage drop
earlier. The threshold values of the BOR can be configured through the FLASH_OBR option
byte.
1.3.2
Programmable voltage detector (PVD)
The device features an embedded programmable voltage detector (PVD) that monitors the
VDD/VDDA power supply and compares it to the VPVD threshold. Seven different PVD levels
can be selected by software between 1.85 and 3.05 V, with 200 mV steps.
An interrupt can be generated when VDD/VDDA drops below the VPVD threshold and/or when
it’s higher than the VPVD threshold. The interrupt service routine then generates a warning
message and/or puts the MCU into a safe state.
The PVD is enabled by software configuration. As an example, the service routine can
perform emergency shutdown tasks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com