Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4467 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4467
Description  Getting started with STM32L0xx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4467 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4467 Datasheet HTML 20Page - STMicroelectronics AN4467 Datasheet HTML 21Page - STMicroelectronics AN4467 Datasheet HTML 22Page - STMicroelectronics AN4467 Datasheet HTML 23Page - STMicroelectronics AN4467 Datasheet HTML 24Page - STMicroelectronics AN4467 Datasheet HTML 25Page - STMicroelectronics AN4467 Datasheet HTML 26Page - STMicroelectronics AN4467 Datasheet HTML 27Page - STMicroelectronics AN4467 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Debug management
AN4467
24/33
DocID026156 Rev 2
4
Debug management
4.1
Introduction
The host/target interface is the hardware equipment that connects the host to the application
board. This interface is made of three components: a hardware debug tool, a SW connector
and a cable connecting the host to the debug tool.
Figure 12 shows the connection of the host to a development board.
The Nucleo demonstration board embeds the debug tools (ST-LINK) so it can be directly
connected to the PC through an USB cable.
Figure 12. Host-to-board connection
4.2
SWD debug port (serial wire)
The STM32L0xx core integrates the serial wire debug port (SW-DP). It is an ARM® standard
CoreSight™ debug port with a 2-pin (clock + data) interface to the debug access port.
4.3
Pinout and debug port pins
The STM32L0xx MCUs are offered in various packages with varying numbers of pins.
4.4
Serial wire debug (SWD) pin assignment
The same SWD pin assignment is available on all STM32L0xx packages.
Table 4. SWD port pins
SWD pin name
SWD port
Pin assignment
Type
Debug assignment
SWDIO
I/O
Serial wire data input/output
PA13
SWCLK
I
Serial wire clock
PA14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com