Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4467 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4467
Description  Getting started with STM32L0xx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4467 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4467 Datasheet HTML 16Page - STMicroelectronics AN4467 Datasheet HTML 17Page - STMicroelectronics AN4467 Datasheet HTML 18Page - STMicroelectronics AN4467 Datasheet HTML 19Page - STMicroelectronics AN4467 Datasheet HTML 20Page - STMicroelectronics AN4467 Datasheet HTML 21Page - STMicroelectronics AN4467 Datasheet HTML 22Page - STMicroelectronics AN4467 Datasheet HTML 23Page - STMicroelectronics AN4467 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Clocks
AN4467
20/33
DocID026156 Rev 2
2.3
LSE OSC clock
The LSE crystal is a 32.768 kHz Low Speed External crystal or ceramic resonator. It has the
advantage of providing a low-power but highly accurate clock source to the real-time clock
peripheral (RTC) for clock/calendar or other timing functions.
2.3.1
External crystal/ceramic resonator (LSE crystal)
The LSE crystal is switched on and off using the LSEON bit in RCC control/status register
(RCC_CSR). The crystal oscillator driving strength can be changed at runtime using the
LSEDRV[1:0] bits (in RCC_CSR register) to obtain the best compromise between
robustness and short start-up time on one side and low-power consumption on the other
(see Figure 10).
The LSERDY flag (in RCC_CSR) indicates whether the LSE crystal is stable or not. At
startup, the LSE crystal output clock signal is not released until this bit is set by hardware.
An interrupt can be generated, if enabled, in the Clock interrupt enable register
(RCC_CIER).
2.3.2
External source (LSE bypass)
In this mode, an external clock source must be provided. It can have a frequency of up to 1
MHz. You select this mode by setting the LSEBYP and LSEON bits (in RCC_CSR). The
external clock signal (square, sinus or triangle) has to drive the OSC32_IN pin, from current
consumption standpoint a square signal is preferred. The OSC32_OUT pin can be used as
GPIO (see Figure 10)
1. OSC32_IN and OSC_OUT pins can be also used as GPIOs, but it is recommended not to use them as
both RTC and GPIO pins in the same application.
Figure 10. External clock
Figure 11. Crystal/ceramic resonators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com