| Electronic Components Datasheet Search |
|
UM1865 Datasheet(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1865 Datasheet(HTML) 68 Page - STMicroelectronics |
|
68 / 132 page ![]() Vendor specific commands UM1865 68/132 DocID027514 Rev 1 4.4.4 Evt_Blue_Authorization_Request This event is generated by the Security manager to the application when the application has set that authorization is required for reading/writing of attributes. This event will be generated as soon as the pairing is complete. When this event is received, Aci_Gap_Authorization_Response command should be used to respond by the application. 4.4.5 Evt_Blue_Slave_Security_Initiated This event is generated when the slave security request is successfully sent to the master. 4.4.6 Evt_Blue_Gap_Bond_Lost This event is generated when a pairing request is issued in response to a slave security request from a master which has previously bonded with the slave. When this event is received, the upper layer has to issue the command Aci_Gap_Allow_Rebond in order to allow the slave to continue the pairing process with the master. 4.4.7 Evt_Blue_Gap_Procedure_Complete This event is sent by the GAP to the upper layers when a procedure previously started has been terminated by the upper layer or has completed for any other reason Table 124. Evt_Blue_Authorization_Request Parameter Size Description Event code 2 bytes 0x0403 Connection handle 2 bytes Connection handle for which authorization is being requested Table 125. Evt_Blue_Gap_Procedure_Complete Parameter Size Description Event code 2 bytes 0x0407 Procedure_Code 1 byte 0x01: LIMITED_DISCOVERY_PROC 0x02: GENERAL_DISCOVERY_PROC 0x04: NAME_DISCOVERY_PROC 0x08: AUTO_CONNECTION_ESTABLISHMENT_PROC 0x10: GENERAL_CONNECTION_ESTABLISHMENT_PROC 0x20: SELECTIVE_CONNECTION_ESTABLISHMENT_PROC 0x40: DIRECT_CONNECTION_ESTABLISHMENT_PROC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |