Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1865 Datasheet(PDF) 77 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 73Page - STMicroelectronics UM1865 Datasheet HTML 74Page - STMicroelectronics UM1865 Datasheet HTML 75Page - STMicroelectronics UM1865 Datasheet HTML 76Page - STMicroelectronics UM1865 Datasheet HTML 77Page - STMicroelectronics UM1865 Datasheet HTML 78Page - STMicroelectronics UM1865 Datasheet HTML 79Page - STMicroelectronics UM1865 Datasheet HTML 80Page - STMicroelectronics UM1865 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 132 page
background image
DocID027514 Rev 1
77/132
UM1865
Vendor specific commands
132
Event(s) generated:
When this command is completed, a command complete event will be generated by the
controller which carries the status of the command and the handle of the characteristic
descriptor.
4.5.7
Aci_Gatt_Update_Char_Value
Description:
Update a characteristic value in a service.
Table 141. Aci_Gatt_Add_Char_Desc return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x47: Error
0x1F: Out of Memory
0x60: Invalid handle
0x61: Invalid parameter
0x62: Out of handle
0x63: Invalid Operation
0x64: Insufficient resources
Char_Desc_Handle 2 bytes
Handle of the characteristic descriptor
Table 142. Aci_Gatt_Update_Char_Value
Command name
Parameters
Return
Aci_Gatt_Update_Char_Value (0xFD06)
Serv_Handle
Char_Handle
Val_Offset
Char_Value_Length
Char_Value
Status
Table 143. Aci_Gatt_Update_Char_Value command parameters
Parameter
Size
Description
Serv_Handle
2 bytes
Handle of the service to which characteristic belongs
Char_Handle
2 bytes
Handle of the characteristic
Val_Offset
1 byte
The offset from which the attribute value has to be updated. If
this is set to 0, and the attribute value is of variable length, then
the length of the attribute will be set to the Char_Value_Length. If
the Val_Offset is set to a value greater than 0, then the length of
the attribute will be set to the maximum length as specified for
the attribute while adding the characteristic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com