Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1865 Datasheet(PDF) 71 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 67Page - STMicroelectronics UM1865 Datasheet HTML 68Page - STMicroelectronics UM1865 Datasheet HTML 69Page - STMicroelectronics UM1865 Datasheet HTML 70Page - STMicroelectronics UM1865 Datasheet HTML 71Page - STMicroelectronics UM1865 Datasheet HTML 72Page - STMicroelectronics UM1865 Datasheet HTML 73Page - STMicroelectronics UM1865 Datasheet HTML 74Page - STMicroelectronics UM1865 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 132 page
background image
DocID027514 Rev 1
71/132
UM1865
Vendor specific commands
132
4.5.2
Aci_Gatt_Init
Description:
Initialize the GATT server on the slave device. Initialize all the pools and active nodes. Also
it adds GATT service with service changed characteristic. Until this command is issued the
GATT channel will not process any commands even if the connection is opened. This
command has to be given before using any of the GAP features.
4.5.3
Aci_Gatt_Add_Service
Description:
Add a service to GATT Server. When a service is created in the server, the host needs to
reserve the handle ranges for this service using Max_Attribute_Records parameter. This
parameter specifies the maximum number of attribute records that can be added to this
service (including the service attribute, include attribute, characteristic attribute,
characteristic value attribute and characteristic descriptor attribute). Handle of the created
service is returned in command complete event.
Table 128. Aci_Gatt_Init
Command name
Parameters
Return
Aci_Gatt_Init (0xFD01)
Status
Table 129. Aci_Gatt_Init return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x47: Error
Table 130. Aci_Gatt_Add_Service
Command name
Parameters
Return
Aci_Gatt_Add_Service (0xFD02)
Service_UUID_Type
Service_UUID
Service_Type
Max_Attribute_Records
Status
Service handle
Table 131. Aci_Gatt_Add_Service command parameters
Parameter
Size
Description
Service_UUID_Type
1 byte
0x01: 16-bit UUID
0x02: 128-bit UUID
Service_UUID
2 bytes or
16 bytes
16-bit or 128-bit UUID based on the UUID type field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com